Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA111 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA111
Description  Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA111 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SCANSTA111 Datasheet HTML 1Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 2Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 3Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 4Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 5Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 6Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 7Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 8Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TABLE 2. Pin Descriptions
Pin Name
Description
No.
Pins
I/O
VCC
3
N/A
Power
GND
3
N/A
Ground
TMS
B
1
I
BACKPLANE TEST MODE SELECT: Controls sequencing through the TAP Controller of the
’STA111. Also controls sequencing of the TAPs which are on the local scan chains. This input
has a 25K
Ω pull-up resistor and no ESD clamp diode (ESD is controlled with an alternate
method). When the device is power-off (V
DD floating), this input appears to be a capacitive
load to ground (Note 1). When V
DD = 0V (i.e.; not floating but tied to VSS) this input appears
to be a capacitive load with the pull-up to ground.
TDI
B
1
I
BACKPLANE TEST DATA INPUT: All backplane scan data is supplied to the ’STA111 through
this input pin. This input has a 25K
Ω pull-up resistor and no ESD clamp diode (ESD is
controlled with an alternate method). When the device is power-off (V
DD floating), this input
appears to be a capacitive load to ground (Note 1). When V
DD = 0V (i.e.; not floating but tied
to V
SS) this input appears to be a capacitive load with the pull-up to ground.
TDO
B
1
O
BACKPLANE TEST DATA OUTPUT: This output drives test data from the ’STA111 and the
local TAPs, back toward the scan master controller. This output has 24mA of drive current.
When the device is power-off (V
DD = 0V or floating), this output appears to be a capacitive
load (Note 1).
TCK
B
1
I
TEST CLOCK INPUT FROM THE BACKPLANE: This is the master clock signal that controls
all scan operations of the ’STA111 and of the local scan ports. This input has no pull-up
resistor and no ESD clamp diode (ESD is controlled with an alternate method). When the
device is power-off (V
DD floating), this input appears to be a capacitive load to ground (Note
1). When V
DD = 0V (i.e.; not floating but tied to VSS) this input appears to be a capacitive
load to ground.
TRST
B
1
I
TEST RESET: An asynchronous reset signal (active low) which initializes the ’STA111 logic.
This input has a 25K
Ω pull-up resistor and no ESD clamp diode (ESD is controlled with an
alternate method). When the device is power-off (V
DD floating), this input appears to be a
capacitive load to ground (Note 1). When V
DD = 0V (i.e.; not floating but tied to VSS) this
input appears to be a capacitive load with the pull-up to ground.
TRIST
(B,0-2)
4
O
TRI-STATE NOTIFICATION OUTPUT: This signal is asserted high when the associated TDO
is TRI-STATEd. Associated means TRIST
B is for TDOB, TRIST1 is for TDO1, etc. This output
has 12mA of drive current.
A
B
1
I
BACKPLANE PASS-THROUGH INPUT: A general purpose input which is driven to the Y
n of
a single selected LSP. (Not available when multiple LSPs are selected). This input has an
internal pull-up resistor.
Y
B
1
O
BACKPLANE PASS-THROUGH OUTPUT: A general purpose output which is driven from the
A
n of a single selected LSP. (Not available when multiple LSPs are selected). This output
has 24mA of drive current.
S
(0-6)
7
I
SLOT IDENTIFICATION: The configuration of these pins is used to identify (assign a unique
address to) each ’STA111 on the system backplane .
OE
1
I
OUTPUT ENABLE for the Local Scan Ports, active low. When high, this active-low control
signal TRI-STATEs all local scan ports on the ’STA111, to enable an alternate resource to
access one or more of the three local scan chains.
TDO
(0-2)
3
O
TEST DATA OUTPUTS: Individual output for each of the local scan ports . These outputs
have 24mA of drive current.
TDI
(0-2)
3
I
TEST DATA INPUTS: Individual scan data input for each of the local scan ports .
TMS
(0-2)
3
O
TEST MODE SELECT OUTPUTS: Individual output for each of the local scan ports. TMS
n
does not provide a pull-up resistor (which is assumed to be present on a connected TMS
input, per the IEEE 1149.1 requirement) . These outputs have 24mA of drive current.
TCK
(0-2)
3
O
LOCAL TEST CLOCK OUTPUTS: Individual output for each of the local scan ports. These
are buffered versions of TCK
B . These outputs have 24mA of drive current.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com