Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8008 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 8008
Description  Electromotive 2-way globe proportional valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8008 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 8008 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Type 3281
15 | 17
Visit product website 
8.
Product accessories
8.1. Accessories capacitive buffer module
Note:
• See “4.5. Capacitive buffer module” on page 10 for information about dimensions.
• See “Standard accessories” on page 17 for ordering information.
Accessories
Description
Motor valve(s) connection
24 V DC power supply
For example: Single phase,
primary switched mode power
supply Type 1573
• Capacitive buffer module for moving to a safety position in case of power failure
• In order to be able to move to a safety position of the valve in the event of a power failure, the valve
must be supplied with voltage via the capacitive buffer module. In the event of a power failure, the
buffer module provides an output voltage of 18 V DC for a few seconds. The reduced input voltage
is detected by the valve and the safety position is approached accordingly. Up to 3 valves of Type
3280 or 2 valves of Type 3281 and Type 3285 can be connected to a buffer module. Factory setting
of the safety position: “valve closed”
• For standard variant (functionality available from software version A.08): Adjustable via DIP switch
(when the operating direction is reversed, the safety position changes to “valve open”)
• For positioner and process controller variant (functionality available from software version A.06):
Adjustable via Bürkert Communicator (user-defined safety position)
8.2. Bürkert Communicator Software
Note:
• An adjustment of the valve by the Bürkert Communicator is only possible with the positioner or process controller variants.
• The corresponding communication software can be downloaded from the website Type 8920 .
The Bürkert Communicator is the most important software component of the EDIP (Efficient Device Integration Platform). Various features of
this universal tool simplify the configuration and parametrisation of devices equipped with a digital CANopen-based interface. With this tool,
the user has a complete overview of cyclic process values as well as acyclic diagnostic data. The integrated graphical programming
environment enables the creation of decentralised sub-system control functions. The connection to the PC is established with a USB-CAN
adapter. The adapter is available as an accessory (see “9.5. Ordering chart accessories” on page 17).
The Bürkert Communicator enables:
• Configuration, parametrisation and diagnosis of EDIP devices / networks
• Easy and comfortable mapping of cyclic values
• Graphical display of process values
• Firmware update for the connected EDIP devices
• Backup and restoring of device configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com