Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3321 Datasheet(PDF) 26 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2-way globe control valve
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 26 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Type 3361
26 | 29
Visit product website 
AG3
Body connection (with wrench connection)
Port connection
Globe valve body
Relief bore
Electrical connections
circular plug-in connector
Only in versions with
process controller function
Actuator housing
Actuator cover
Transparent window with
position indicator
Actuator base
SAFEPOS energy-pack
(optional)
Blind cover or display with
status indicator and bayonet catch
Pressure compensation element / access
for mechanical manual operation
FE functional ground
Integrated position controller
The position of the actuator (stroke) is controlled
according to the position setpoint. The position
setpoint is either given by an external standard signal
(analogue) or via a fieldbus (digital). The displace-
ment transducer records the actual position (POS)
of the electric linear actuator. This actual position
value is compared by the positioner with the position
setpoint (CMD) specified as standard signal. If there
is a system deviation (Xd1), the electric motor drive is
controlled via the manipulated variable CTRL and the
actual position value is changed accordingly.
Valve opening
Electro-
motive
actuator
Travel sensor
Position
controller
Set-point
position value
CMD
Xd1
CTRL
POS
Z1
POS
Position control circuit
+ -
Valve body
Integrated process controller (optional)
The additionally implemented PID controller allows
process control. The setpoint position of the valve is
calculated from the external signal (e.g. level, pres-
sure, flow rate, temperature) for the process setpoint
and the actual process value via the control parame-
ters (PID controller).
Process size
Process
Transmitter
Process-
controller
Process
setpoint
SP Xd2
CMD
Valve
opening
PV
+ -
Positon
control
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com