Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2301 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 2301
Description  Flowmeter with paddle wheel for continuous flow measure-ment
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2301 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  2301 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Type 8012
2 | 21
Visit product website 
Table of contents
1. General technical data
4
2. Approvals and conformities
6
2.1.
Conformity .......................................................................................................................................................................................6
2.2.
Standards.........................................................................................................................................................................................6
2.3.
Pressure Equipment Directive (PED)................................................................................................................................................6
Device used on a pipe .....................................................................................................................................................................6
2.4.
Lebensmittel und Getränke/Hygiene................................................................................................................................................6
3. Materials
6
3.1.
Bürkert resistApp .............................................................................................................................................................................6
3.2.
Material specifications .....................................................................................................................................................................7
4. Dimensions
7
4.1.
Transmitter Type SE12 .....................................................................................................................................................................7
4.2.
Transmitter Type SE12 mounted in a fitting Type S012 ...................................................................................................................8
4.3.
Metal fitting Type S012 ....................................................................................................................................................................8
Internal thread connection ...............................................................................................................................................................8
External thread connection ..............................................................................................................................................................8
4.4.
Plastic sensor-fitting Type S012 ......................................................................................................................................................9
True union connection with nut and solvent/fusion socket..............................................................................................................9
External thread connection ..............................................................................................................................................................9
5. Performance specifications
10
5.1.
Pressure temperature diagram.......................................................................................................................................................10
6. Product installation
10
6.1.
Installation notes............................................................................................................................................................................10
6.2.
Selection of the nominal diameter .................................................................................................................................................12
6.3.
Mounting options...........................................................................................................................................................................13
Example of flow control systems with Type SE12 transmitter .......................................................................................................13
7. Product operation
13
7.1.
Measuring principle........................................................................................................................................................................13
7.2.
Function modes .............................................................................................................................................................................14
Variant with transistor output .........................................................................................................................................................14
Variant with transistor and current outputs....................................................................................................................................15
8. Product design and assembly
15
8.1.
Product assembly ..........................................................................................................................................................................15
9. Product accessories
16
9.1.
Seals for fitting ...............................................................................................................................................................................16
9.2.
Configuration tool “TACTIC” .........................................................................................................................................................16
10. Networking and combination with other Bürkert products
17
11. Ordering information
17
11.1.
Bürkert eShop................................................................................................................................................................................17
11.2.
Recommendation regarding product selection..............................................................................................................................17
Basic flowmeter .............................................................................................................................................................................17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com