| Electronic Components Datasheet Search |
|
8032 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8032 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG |
|
2 / 15 page ![]() Type 8032 2 | 15 Visit product website Table of contents 1. General technical data 3 2. Approvals and conformities 6 2.1. General notes...................................................................................................................................................................................6 2.2. Conformity .......................................................................................................................................................................................6 2.3. Standards.........................................................................................................................................................................................6 2.4. Pressure Equipment Directive (PED)................................................................................................................................................6 Device used on a pipe .....................................................................................................................................................................6 2.5. North America (USA/Canada) ..........................................................................................................................................................6 3. Materials 7 3.1. Bürkert resistApp .............................................................................................................................................................................7 3.2. Material specifications .....................................................................................................................................................................7 4. Dimensions 8 4.1. Transmitter SE32..............................................................................................................................................................................8 With cable plug (DIN EN 175301-803) .............................................................................................................................................8 With Cable plug (DIN EN 175301-803) and free positionable 5-pin M12 male connector ..............................................................8 With cable plug (DIN EN 175301-803) and 8-pin M12 male connector...........................................................................................9 4.2. Transmitter Type SE32 mounted in an Inline sensor-fitting Type S030............................................................................................9 5. Performance specifications 10 5.1. Pressure temperature diagram.......................................................................................................................................................10 6. Product installation 10 6.1. Installation notes............................................................................................................................................................................10 7. Product operation 11 7.1. Measuring principle........................................................................................................................................................................11 7.2. Functional overview .......................................................................................................................................................................11 7.3. Function modes .............................................................................................................................................................................12 Flow threshold detector with standard On/Off output ...................................................................................................................12 Flow transmitter with current output for the measurement value ..................................................................................................12 8. Product design and assembly 13 8.1. Product assembly ..........................................................................................................................................................................13 9. Networking and combination with other Bürkert products 13 10. Ordering information 14 10.1. Bürkert eShop................................................................................................................................................................................14 10.2. Recommendation regarding product selection..............................................................................................................................14 10.3. Bürkert product filter......................................................................................................................................................................14 10.4. Ordering chart................................................................................................................................................................................14 Threshold detector Type SE32.......................................................................................................................................................14 Transmitter Type SE32 ...................................................................................................................................................................15 10.5. Ordering chart accessories............................................................................................................................................................15 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |