Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8022 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8022
Description  Inline flowmeter for continuous measurements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8022 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8022 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Type 8030
7 | 14
Visit product website 
2.
Product versions
The flowmeter is available with frequency output in three variants:
• Hall variant with two transistor outputs NPN and PNP.
The flowmeter requires an external power supply of 12…36 V DC. The output signal is designed for connection to any system with open
collector NPN or PNP frequency input.
This variant is intended, for example, for connection to Universal flow transmitters or batch controller Type 8025, to pulse divider
Type 8022, to eCONTROL universal controller Type 8611 or to multiCELL transmitter/controller Type 8619.
See data sheet Type 8025 , data sheet Type 8022 , data sheet Type 8611 , data sheet Type 8619  for more information.
• Hall “Low Power” variant with one NPN transistor “Low Power” output.
The flowmeter requires an external power supply of 12…36 V DC, provided by the connected Bürkert transmitter.
This variant is only intended for connection to the Bürkert device Type 8025 in its flow transmitter for “Low Power” flowmeters Type 8025
or to 4…20 mA flow transmitter Type 8022.
See data sheet Type 8025 , data sheet Type 8022  for more information.
• High temperature variant (SE30‑HT) with two transistor outputs NPN and PNP.
The flowmeter requires an external power supply of 12…36 V DC. The output signal is designed for connection to any system with open
collector NPN or PNP frequency input. This variant is intended, for example, for connection to Universal flow transmitters or batch
controller Type 8025, to pulse divider Type 8022, to eCONTROL universal controller Type 8611 or to multiCELL transmitter/controller
Type 8619.
See data sheet Type 8025 , data sheet Type 8022 , data sheet Type 8611 , data sheet Type 8619  for more information.
In a 3-wire system, the signal can be connected to a display or processed directly. The electrical connection is provided via a cable plug
according to DIN EN 175301-803.
3.
Approvals and conformities
3.1. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
3.2. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
3.3. Pressure Equipment Directive (PED)
The device conforms to article 4, paragraph 1 of the Pressure Equipment Directive (PED) 2014/68/EU under the following conditions:
Device used on a pipe
Note:
• The data in the table is independent of the chemical compatibility of the material and the fluid.
• PS = maximum admissible pressure (in bar), DN = nominal diameter of the pipe
Type of fluid
Conditions
Fluid group 1, article 4, paragraph 1.c.i
DN ≤ 25
Fluid group 2, article 4, paragraph 1.c.i
DN ≤ 32 or PS*DN ≤ 1000
Fluid group 1, article 4, paragraph 1.c.ii
DN ≤ 25 or PS*DN ≤ 2000
Fluid group 2, article 4, paragraph 1.c.ii
DN ≤ 200 or PS ≤ 10 or PS*DN ≤ 5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com