| Electronic Components Datasheet Search |
|
8041 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8041 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG |
|
2 / 19 page ![]() Type 8041 2 | 19 Visit product website Table of contents 1. General technical data 4 2. Approvals and conformities 7 2.1. General notes...................................................................................................................................................................................7 2.2. Conformity .......................................................................................................................................................................................7 2.3. Standards.........................................................................................................................................................................................7 2.4. Pressure Equipment Directive (PED)................................................................................................................................................7 Device used on a pipe .....................................................................................................................................................................7 2.5. North America (USA/Canada) ..........................................................................................................................................................7 2.6. Foods and beverages/Hygiene ........................................................................................................................................................7 3. Materials 8 3.1. Bürkert resistApp .............................................................................................................................................................................8 3.2. Material specifications .....................................................................................................................................................................8 4. Dimensions 9 4.1. Flowmeter ........................................................................................................................................................................................9 With G 2" process connection.........................................................................................................................................................9 With clamp process connection ......................................................................................................................................................9 4.2. Flowmeter installed in an Insertion fitting Type S020 ....................................................................................................................10 With G 2" process connection.......................................................................................................................................................10 With clamp process connection ....................................................................................................................................................10 5. Performance specifications 11 5.1. Pressure temperature diagram.......................................................................................................................................................11 Flowmeter with a PVDF sensor......................................................................................................................................................11 Flowmeter with a stainless steel sensor ........................................................................................................................................11 6. Product installation 12 6.1. Installation notes............................................................................................................................................................................12 6.2. Mounting options...........................................................................................................................................................................12 7. Product operation 13 7.1. Measuring principle........................................................................................................................................................................13 7.2. Functional overview .......................................................................................................................................................................13 Display on the electronic board (PCB)...........................................................................................................................................13 Operating levels .............................................................................................................................................................................14 8. Product design and assembly 15 8.1. Product assembly ..........................................................................................................................................................................15 9. Networking and combination with other Bürkert products 16 9.1. Networking and combination of the device ...................................................................................................................................16 9.2. Combination of the device with available Type S020 Insertion fittings DN ...................................................................................16 9.3. Remote transmitters Type 8025 which can be connected to the Type 8041 flowmeter................................................................16 10. Ordering information 17 10.1. Bürkert eShop................................................................................................................................................................................17 10.2. Recommendation regarding product selection..............................................................................................................................17 Flowmeter with G 2" process connection......................................................................................................................................17 Flowmeter with clamp process connection ...................................................................................................................................17 10.3. Bürkert product filter......................................................................................................................................................................17 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |