Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8652 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8652
Description  AirLINE – the valve island optimised for process automation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8652 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8652 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Type 8652
7 | 21
Visit product website 
4.
Dimensions
4.1. Version 4-, 8- and 12-fold
Note:
Dimensions in mm, unless otherwise stated
44
64.15
117.7 + (n x 44)
9.8
84.2 + (n x 44)
15.9
A
B
m x 11
11
16.6
37.25
31.75
16.6
104.7
5
170
67.5
29
optional
tube connection
ø10 mm, ø3/8"
optional
tube connection
ø6 mm, ø1/4"
B
optional
tube connection
ø10 mm, ø3/8"
Venting connection for
auxiliary control air optional
tube connection ø6 mm, ø1/4"
optional
tube connection ø10 mm, ø3/8"
Supply port for
auxiliary control air optional
tube connection ø6 mm, ø1/4"
optional
tube connection ø6 mm, ø1/4"
standard rail
EN 50022
35 x 7.5
or
35 x 15
Version
A
B
C
m
n
4-fold
66
–
4 x M5
3
1
8-fold
37
111
8 x M5
7
2
12-fold
77
154
10 x M5
11
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com