Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2012 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINE Fieldthe valve islandoptimised for process automation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Type 8653
7 | 14
Visit product website 
6.
Device/Process connections
6.1. Assignment of circular plug M12, 5-pin
büS/CANopen version
Assignment of circular plug M12, 5-pin, A-coded, büS/CANopen variant
View of pins
Pin
Assignment
4
5
2
1
3
1
SHIELDING
2
Supply voltage 24 V
3
GND
4
CAN_H (büS connection)
5
CAN_L (büS connection)
IO-Link version
Assignment of circular plug M12, 5-pin, A-coded, IO-Link variant, Port Class B
View of pins
Pin
Assignment
4
5
2
1
3
1
L+ (24 V processor)
2
P24 (24 V valve unit)
3
L- (0 V GND processor)
4
C/Q (IO-Link)
5
N24 (0 V GND valve unit)
7.
Product design and assembly
7.1. Example configuration
The following graphic shows a network with the example of Fieldbus Gateway Type ME43 and AirLINE Field Type 8653 (büS version).
Industrial Ethernet
24 V DC, GND, CAN_L, CAN_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com