Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2301 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2301
Description  Digital electro-pneumatic positioner for integrated mounting on process control valves
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2301 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2301 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Visit product website 
DATA SHEET
Type 2301
Pneumatically operated
2-way Globe Control
Valve
Type 2300
Pneumatically operated
2-way angle seat control
valve ELEMENT
Type 2103
2/2-way diaphragm valve
with pneumatic stainless
steel actuator (Type ELE-
MENT) for decentralised
automation
Standard | EU | en | 2024 - 03 - 06 | 23
Digital electro-pneumatic positioner for integrated
mounting on process control valves
• Compact and robust stainless steel design
• Easy start-up with automatic X-Tune function
• Contact-free position sensor
• Integrated pilot air duct with spring chamber aeration
• EtherNet/IP, PROFINET, Modbus TCP, PROFIBUS DP-V1 or
Bürkert system bus (büS)
The compact positioner device Type 8692 is optimised for integrated mounting on
the pneumatic actuators in the process valve series Type 23xx/2103 and is spe-
cially designed for the requirements of a hygienic process environment. The pilot
air duct is integrated into the actuator without external piping. The easy operation
and the selection of additional software functions are carried out either on a big
graphic display with backlight and keypad or via the COMMUNICATOR.
The positioner registers the valve position without deterioration via a contact-free,
analogue position sensor. The integrated diagnostics function are used to monitor
control valve operating conditions. Valve diagnostic messages via status signals
are issued in accordance with NE107 (NAMUR) and recorded as historical entries.
The housing is easy to clean and features proven IP protection and chemically
resistant materials for use in hygienic processing in the food, beverage and phar-
maceutical industries. Combined with Bürkert ELEMENT actuators, the pneumatic
actuating system enables spring chamber aeration that avoids actuator chamber
contamination from the environment.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8692
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2301

ManufacturerPart #DatasheetDescription
logo
GHz Technology
2301 GHZTECH-2301 Datasheet
170Kb / 3P
1.5 Watt - 20 Volts, Class C Microwave 2300 MHz
logo
Nanjing International G...
2301 DGNJDZ-2301 Datasheet
4Mb / 5P
SOT-23 Plastic-Encapsulate MOSFETS
logo
SHENZHEN FUMAN ELECTRON...
2301 FUMAN-2301 Datasheet
171Kb / 3P
10V P-Channel Enhanced MOS FET
logo
KIA Semiconductor Techn...
2301 KIA-2301 Datasheet
111Kb / 4P
-2.8A竊?20V P-CHANNEL MOSFET
logo
Heyco.
2301 HEYCO-2301 Datasheet
106Kb / 1P
Snap Bushings
More results

Similar Description - 2301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
ASM GmbH
PD-INC-24VDC-G24V ASM-SENSOR-PD-INC-24VDC-G24V Datasheet
107Kb / 4P
Digital Process Meter for Incremental Sensors
logo
Fuji Electric
EDS9-50B FUJI-EDS9-50B Datasheet
73Kb / 4P
OPTICAL-PNEUMATIC POSITIONER
EDS12-1K FUJI-EDS12-1K Datasheet
72Kb / 4P
ELECTRO-PNEUMATIC POSITIONER
EDS12-2M FUJI-EDS12-2M Datasheet
80Kb / 4P
ELECTRO-PNEUMATIC CONVERTER
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
logo
Sanken electric
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
Integrated on-time control circuit
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
Process Control
logo
PHOENIX CONTACT
SF-Z0002 PHOENIX-SF-Z0002 Datasheet
43Kb / 2P
Crimp head positioner
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
Industrial Solenoid Valves
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com