Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS03 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # MS03
Description  Online Analysis System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

MS03 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button MS03 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG MS03 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG MS03 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG MS03 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG MS03 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG MS03 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG MS03 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG MS03 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG MS03 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Type 8905
9 | 12
Visit product website 
Mechanical interfaces of the sensor cubes
All the fluidic backplanes for the sensor cubes have the same design. Thus any sensor cube can be plugged on any mechanical
interface.
The backplanes are connected to each other and feed the sensor cubes parallel with the power supply, the sample water and serial
büS connection.
Position of the lever
if no sensor cube is plugged in
if a sensor cube is plugged in
Electrical contacts
Security pin
Fluid outlet
Fluid inlet
Bayonet
Bayonet lever to the right
Fluid inlet and fluid outlet are closed and tight
Bayonet lever to the left
Fluid inlet and fluid outlet are open
Electrical contacts
Security pin
Fluid outlet
Fluid inlet
Bayonet
Bayonet lever to the right
Fluid inlet and fluid outlet are closed and tight
Bayonet lever to the left
Fluid inlet and fluid outlet are open
5.
Product accessories
Note:
To set up a device without a display, use the USB-büS interface, Type 8923 and the Bürkert Communicator Type 8920.
See Software manual Type 8920  for more information.
Accessories
No. Description
USB-büS interface Type 8923 (to be ordered
separately, see chapter “6.5. Ordering chart
accessories” on page 11)
1
2
3
4
7
8
10
9
5
6
1
Quick-Start
2
Power supply: 100…240 V AC/ 24 V DC 1 A and adaptors for power supply
worldwide use
3
büS terminating resistor on büS Y-splitter
4
5-pin M12 circular male connector wired on free end cable
5
büS connection cable with 5-pin M12 circular male connector, micro USB
B plug
6
büS adapter with 5-pin M12 circular male connector, A-coded to 5-pin M12
circular male connector, A-coded
7
büS stick (USB to büS/CANopen adaptor)
8
büS service cable with 5-pin M12 circular female connector, mini USB and
circular plug-in connectors for power supply
9
Magnetic key
10 CD - Communicator (30-day license without registration, update and licens-
ing over Bürkert home page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com