Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC244AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC244AD
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC244AD Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC244AD Datasheet HTML 1Page - NXP Semiconductors 74LVC244AD Datasheet HTML 2Page - NXP Semiconductors 74LVC244AD Datasheet HTML 3Page - NXP Semiconductors 74LVC244AD Datasheet HTML 4Page - NXP Semiconductors 74LVC244AD Datasheet HTML 5Page - NXP Semiconductors 74LVC244AD Datasheet HTML 6Page - NXP Semiconductors 74LVC244AD Datasheet HTML 7Page - NXP Semiconductors 74LVC244AD Datasheet HTML 8Page - NXP Semiconductors 74LVC244AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
2003 Oct 30
5
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant
inputs/outputs (3-state)
74LVC244A; 74LVCH244A
handbook, halfpage
12
14
2
4
6
8
18
16
1
EN
MNA873
3
5
11
13
15
17
9
7
19
EN
Fig.3 Logic symbol (IEEE/IEC).
handbook, halfpage
MNA875
1A3
1A2
1A1
1A0
2
4
6
8
1
1Y0
1Y1
18
16
14
12
1Y2
1Y3
1OE
2A3
2A2
2A1
2A0
17
15
13
11
19
2Y0
2Y1
3
5
7
9
2Y2
2Y3
2OE
Fig.4 Functional diagram.
handbook, halfpage
MNA874
8
6
4
2
1A0
1A1
1A2
1A3
1OE
18
16
1Y0
1Y1
1Y2
1Y3
14
12
1
11
13
15
17
2A0
2A1
2A2
2A3
2OE
3
5
2Y0
2Y1
2Y2
2Y3
7
9
19
Fig.5 Logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com