Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8007 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8007
Description  Flowmeter for gases
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8007 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8007 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8007 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Type 8007
3 | 10
Visit product website 
1.
General technical data
Product properties
Materials
Body
Stainless steel 1.4301 (standard), stainless steel 1.4571 (Heavy Duty)
Electronics housing
Polycarbonat (standard), aluminium Die casting (Heavy Duty)
Seal
NBR, FKM (for oxygen)
Dimensions
Detailed information can be found in chapter “3. Dimensions” on page 4.
Operating pressure
Up to max. 16 bar; optional to PN 40 (standard)
Up to max. 50 bar (Heavy Duty)
Options
Other probe lengths
Oxygen conformity declaration
Cleaned, free of oil and fat
Performance data
Full scale range (Q
Nom)
Up to 44030 Nm3/h (air), see “6.1. Measuring principle” on page 8.
Pulse output
1 Impulse per m3
Measuring accuracy
± 1.5 % o.R. ± 0.3 % F.S. (o.R.: of reading; F.S.: full scale) (based on air and in consider-
ation of the inlet and outlet sections; only when properly installed)
Measuring range
1:50
Electrical data
Operating voltage
18…36 V DC, 5 W
Output signal (Actual value)
4…20 mA
Load (current output)
Maximum < 500 Ω
Medium data
Operating medium
Air, nitrogen, oxygen, natural gas, methane, argon
Temperature of gas
- 30 °C…+ 110 °C (higher temperatures on request)
Calibration medium
Air, zero point adjustment with operating gas
Process/Port connection & communication
Digital inputs
1 input 10…30 V DC, 2 outputs 24 V DC
Digital outputs
RS 485 Interface, Modbus-RTU
Pulse output
1 pulse per m3
Environment and installation
Assembling screw
G ½" (others on request)
Ambient temperature
- 30 °C…+ 80 °C (higher temperatures on request)
Degree of protection
IP65
2.
Materials
2.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com