Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC244ADB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC244ADB
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC244ADB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC244ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 9Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 10Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
2003 Oct 30
7
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant
inputs/outputs (3-state)
74LVC244A; 74LVCH244A
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6
2.0
−−
V
VIL
LOW-level input voltage
1.2
−−
GND
V
2.7 to 3.6
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.2
VCC
−
V
IO = −12 mA
2.7
VCC − 0.5
−−
V
IO = −18 mA
3.0
VCC − 0.6
−−
V
IO = −24 mA
3.0
VCC − 0.8
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
−
GND
0.20
V
IO = 12 mA
2.7
−−
0.40
V
IO = 24 mA
3.0
−−
0.55
V
ILI
input leakage current
VI = 5.5 V or GND;
notes 2
3.6
−±0.1
±5
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO = 5.5 V or GND;
notes 2
3.6
−
0.1
±5
µA
Ioff
power-off leakage supply
current
VI or VO = 5.5 V
0.0
−
0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
3.6
−
0.1
10
µA
∆I
CC
additional quiescent supply
current per input pin
VI =VCC − 0.6 V;
IO =0
2.7 to 3.6
−
5
500
µA
IBH(L)
bushold LOW sustaining
current
VI = 0.8 V;
notes 3 and 4
3.0
75
−−
µA
IBH(H)
bushold HIGH sustaining
current
VI = 2.0 V;
notes 3 and 4
3.0
−75
−−
µA
IBH(LO)
bushold LOW overdrive
current
notes 3 and 5
3.6
500
−−
µA
IBH(HO)
bushold HIGH overdrive
current
notes 3 and 5
3.6
−500
−−
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com