Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8202 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 8202
Description  pH- and ORP-probes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8202 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 8202 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Type 8203
13 | 15
Visit product website 
9.4. Ordering chart
pH probes
Probe
Measuring
range
Fluid
temperature
Fluid
pressure
Fluid minimum
conductivity
Electrical connection
Article no.
[pH]
[°C]
[bar]
[μS/cm]
PLASTRODE pH 120 mm
0…14
- 10…+ 40
0…6
50
S7/S8 connector
560377 
FLATRODE pH 120 mm
0…+ 80
0…6
50
561025 
LOGOTRODE pH 120 mm
- 10…+ 60
0…6
2
427114 
UNITRODE PLUS pH 120 mm
0…+ 130
0…16
2
560376 
CERATRODE pH 120 mm
0…+ 130
0…16
50
418319 
FERMTRODE pH 120 mm
0…140
0…6
100
Variopin 6.0
561727 
ORP probes
Probe
Measuring
range
Fluid
temperature
Fluid
pressure
Fluid minimum
conductivity
Electrical connection
Article no.
[mV]
[°C]
[bar]
[μS/cm]
FLATRODE ORP 120 mm
- 2000…+ 2000 0…+ 80
0…6
50
S7/S8 connector
561027 
LOGOTRODE ORP 120 mm
- 10…+ 60
0…6
2
560379 
UNITRODE PLUS ORP 120 mm
0…+ 130
0…16
2
560378 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com