Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8718 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8718
Description  Liquid Flow Controller (LFC)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8718 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8718 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8718 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8718 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8718 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8718 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8718 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8718 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8718 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8718 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Type 8718
3 | 10
Visit product website 
1.
General technical data
Product properties
Material
Body
Stainless steel
Housing
PC (Polycarbonate)
Seal
FKM, EPDM or FFKM
Dimensions
Standard version: 107 × 115.5 × 28 (BxHxT)
Sub-base version: 107 × 115.5 × 43 (BxHxT)
Detailed information can be found in chapter “3. Dimensions” on page 4.
Total weight
Approx. 1000 g
LED display
Indication for:
1. Power
2. Communication (only in fieldbus version), limit (only in analogue version)
3. Error
Performance data
Full scale range (Q
Nom)
1.5...36l/h (25...600ml/min) regarding water
Measuring range
1:10
Max. operating pressure
Up to max. 10 barg; typical max. 2 barg
Measuring accuracy
± 1.5 % o. R. ± 0.5 % F. S.
Repeatability
± 0.5 % F. S.
Response time (t95 %)
< 500 ms
Electrical data
Operating voltage
24 V DC
Power consumption
Max. 7.5 W (10 W with fieldbus version)
Voltage tolerance
± 10 %
Residual ripple
< 2 %
Electrical connection
Plug Sub-D, 15 pin,
Socket M12 (PROFIBUS), 5 pin
Plug M12 (CANopen), 5 pin
Medium data
Operating medium
Clean and low viscous liquids
Calibration medium
Water (conversion to operating medium with correction function)
Medium temperature
- 10 °C…+ 40 °C
Viscosity (max.)
0.4 to 4 cSt
Process/Port connection & communication
Port connection
G ⅛, NPT ⅛, G ¼, NPT ¼, Sub-base
Digital outputs
One relay-output for:
1. Limit (desired value can not be achieved)
Current output: 25 V, 1 A, 25 VA
Digital inputs
Two:
1. Start Autotune
2. Open valve (for purging)
Digital (communication) interface
Digital via Fieldbus:
• PROFIBUS DP V1
• CANopen
Analogue interfaces
4…20 mA, 0…20 mA, 0…10 V or 0…5 V
Input impedance > 20 kΩ (Voltage) resp. < 300 Ω (Current)
Max. load: 10 mA (Voltage output); max. load: 600 Ω (Current output)
Environment and installation
Ambient temperature
0 °C…55 °C
Installation position
Horizontal or vertical
Degree of protection
IP40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com