Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8745 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8745
Description  Mass flow controller (MFC)/mass flow meter (MFM) for gases
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8745 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8745 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8745 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8745 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8745 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8745 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8745 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8745 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8745 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8745 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Type 8745
6 | 26
Visit product website 
Foods and Beverages/Hygiene
Further information can be found in chapter “2.5. Foods and beverages/Hygiene” on
page 6.
Oxygen
Further information can be found in chapter “2.6. Oxygen” on page 6.
1.) For a detailed description of LED colours see operating instructions Type 8745 
2.) If the operating medium is different from the calibration medium, the actual measurement accuracy might vary from the indicated value. If the operating medium is natural gas, the
measurement accuracy depends on the composition of the natural gas, which can vary depending on the origin and season.
3.) Data during the movement of the electromotive proportional valve. Valve holding power is < 1 W.
2.
Approvals and conformities
2.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available variants can be supplied with the below mentioned approvals or conformities.
2.2. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
2.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
2.4. North America (USA/Canada)
Approval
Description
Optional: UL Listed for the USA and Canada
The products are UL Listed for the USA and Canada according to:
• UL 61010-1 (ELECTRICAL EQUIPMENT FOR MEASUREMENT, CONTROL, AND LABORATORY USE –
Part 1: General Requirements)
• CAN/CSA-C22.2 No. 61010-1
2.5. Foods and beverages/Hygiene
Conformity
Description
FDA
FDA – Code of Federal Regulations (valid for variable code PL02, PL03)
All wetted materials are compliant with the Code of Federal Regulations published by the FDA (Food and Drug
Administration, USA) according to the manufacturer‘s declaration.
USP
United States Pharmacopeial Convention (USP) (valid for variable code PL04)
All wetted materials are biocompatible according to the manufacturer‘s declaration.
EC Regulation 1935/2004 of the European Parliament and of the Council (valid for variable code PL01, PL02)
All wetted materials are compliant with EC Regulation 1935/2004/EC according to the manufacturer‘s declaration.
2.6. Oxygen
Conformity
Description
Optional: Suitability for oxygen (valid for the variable code NL02)
The products are suitable for use with gaseous oxygen, according to the manufacturer‘s declaration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com