Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8652 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8652
Description  I/O module, IP20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8652 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8652 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Type ME44
4 | 11
Visit product website 
1.3. 4AO-Module (Analogue output module)
Product properties
Diagnosis
Short-circuit detection for voltage output (max. 16 mA)
Detection of an interruption in current input (open loop)
Safety
Protection against over voltage (up to at least ± 30 V)
Electrical data
Electrical version
Current output or voltage output
Operating voltage
24 V DC +/- 10 % (via Backplane BPX3)
Conductor connection cross section
0.20…1.5 mm² / AWG 16…24
Operating mode
0…20 mA
4…20 mA
0…10 V
0…5 V
0…2 V
Loop impedance
< 900 Ohm for current output
Accuracy
± 0.1 % FSR
Temperature coefficient: 14 ppm FSR/K
Zero-Scale Error: + 0.22 % FSR
Max. current per output channel
50 mA at 900 Ohm load and current output (with smaller load the current also decreases)
Electrical isolation
For system bus on backplane, no separation between the inputs, all channels have a com-
mon reference potential
1.4. 8DI-Module (Digital input module)
Product properties
Diagnosis
Open-circuit detection with 2-wire sensors, short-circuit detection with 3-wire sensors
Safety
Protection against over voltage (up to at least ± 30 V)
Electrical data
Electrical version
2-wire sensor, 3-wire sensor, mechanical limit switches (all inputs can be configured as
frequency inputs)
Operating voltage
24 V DC +/- 10 % (via Backplane BPX3)
Conductor connection cross section
0.20…1.5 mm² / AWG 16…24
Switching threshold
V
OFF = 0…5 V
V
ON = 10…30 V
Input current of V
ON, typ. 24 V DC
Max. 5.7 mA per channel
Input type
Type1 and Type3 acc. to IEC 61131-2
Number of frequency inputs
8
Frequency input
Max. to 2.5 kHz
Input impedance
> 4 kOhm
Sampling time/sampling frequency
1 ms…4 s /0.25 Hz…1 kHz
Max. sensor power supply
8x 30 mA
Max. current consumption of module
30 mA
Electrical isolation
No, all channels have a common reference potential



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com