Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29PS Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 29PS
Description  PRESSURE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

29PS Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  29PS Datasheet HTML 1Page - Sensata Technologies, Inc. 29PS Datasheet HTML 2Page - Sensata Technologies, Inc. 29PS Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
29PS SERIES | MANUAL RESET
PRESSURE SWITCHES
Features
Introduction
Applications
Operation
Product Features
• Manual Reset
• Snap-acting, trip free mechanism
• Single-pole, single-throw switch, normally closed
• Factory calibrated pressure setpoints from 200 to 750 psig (14 to 52
bar)
• Tamper resistant
The 29PS Series is a manual reset, single pole, single throw, snap acting pressure switch. The 29PS is based on Sensata Technologies’ 20PS pressure
switch, long recognized as an industry standard control device. Features of this switch include manual reset, a broad assortment of port fittings and
electrical connections, and the option of a panel mount or line mount design.
Sensata Technologies has been a leading global supplier of pressure sensors and switches for over 50 years.
The Model 29PS pressure switch is primarily applied as an upper limit
control on unitary and central air conditioning systems, heat pumps, roof
top units, and refrigeration systems.
This hermetic pressure switch employs a trip-free manual reset function,
providing high reliability in an environmentally sealed, low-cost package.
The 29PS utilizes a snap-acting stainless steel Klixon® disc that reverses its curvature when pressurized above a customer specified actuation pressure.
When the disc snaps, it opens a set of electrical contacts by means of a transfer pin. Resetting of the switch must be accomplished manually by pressing the
integrated reset button.
The unique latching mechanism in the 29PS design assures safe electrical cutout even if the reset button is held firmly depressed.
This “trip-free” design prevents the consumer from restarting the equipment until the line pressure has dropped below the release setpoint. Without this “trip-
free” mechanism, the equipment could be restarted by simply holding the reset button in the depressed position, while an overpressure condition remains.
The welded, hermetic design of the 29PS provides increased reliability and maintenance-free operation for the lifetime of the switch. The actuation and release
pressures of the disc are factory calibrated, simplifying installation and making the 29PS tamper resistant.
The epoxy potting and rubber boot provide an environmental seal for the switch mechanism, protecting it from dust, oil and moisture. The 29PS is built into a
vibration resistant package.
Its compact size coupled with a wide variety of threaded and brazed pressure connections allows the 29PS to be mounted wherever is most appropriate for
the application; inside a control box or out in the elements. Panel-mounted devices are typically provided with capillary tubes to allow for convenient access
to the reset button. A variety of line-mounted fittings are available to simplify installation. Many different lead termination options are available for maximum
flexibility.


Similar Part No. - 29PS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
29PS TI-29PS Datasheet
56Kb / 4P
25PS, 42PS, 44PS, 45PS and 46PS Series Pressure Switches
More results

Similar Description - 29PS

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
Pressure & Vacuum Switches
logo
Copal Electronics
PS83 COPAL-PS83 Datasheet
87Kb / 4P
PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
PRESSURE SWITCHES
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
PRESSURE SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com