Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS410-ST Datasheet(PDF) 25 Page - Microchip Technology

Part # HCS410-ST
Description  KEELOQ짰 Code Hopping Encoder and Transponder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410-ST Datasheet(HTML) 25 Page - Microchip Technology

Back Button HCS410-ST Datasheet HTML 21Page - Microchip Technology HCS410-ST Datasheet HTML 22Page - Microchip Technology HCS410-ST Datasheet HTML 23Page - Microchip Technology HCS410-ST Datasheet HTML 24Page - Microchip Technology HCS410-ST Datasheet HTML 25Page - Microchip Technology HCS410-ST Datasheet HTML 26Page - Microchip Technology HCS410-ST Datasheet HTML 27Page - Microchip Technology HCS410-ST Datasheet HTML 28Page - Microchip Technology HCS410-ST Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
HCS410
 2001 Microchip Technology Inc.
Preliminary
DS40158E-page 25
4.3.1
SYNCHRONIZATION WITH DECODER
The KEELOQ technology features a sophisticated
synchronization technique (Figure 4-5) which does not
require the calculation and storage of future codes. If
the stored counter value for that particular transmitter
and the counter value that was just decrypted are
within a window of say 16, the counter is stored and the
command is executed. If the counter value was not
within the single operation window, but is within the
double operation window of say 32K window, the trans-
mitted synchronization counter value is stored in tem-
porary location and it goes back to waiting for another
transmission. When the next valid transmission is
received, it will compare the new value with the one in
temporary storage. If the two values are sequential, it is
assumed that the counter had just gotten out of the sin-
gle operation ‘window’, but is now back in sync, so the
new synchronization counter value is stored and the
command executed. If a transmitter has somehow got-
ten out of the double operation window, the transmitter
will not work and must be relearned. Since the entire
window rotates after each valid transmission, codes
that have been used are part of the ‘blocked’ (32K)
codes and are no longer valid. This eliminates the pos-
sibility of grabbing a previous code and retransmitting
to gain entry.
FIGURE 4-5:
SYNCHRONIZATION WINDOW
FIGURE 4-6:
BASIC OPERATION OF A CODE HOPPING RECEIVER (DECODER)
Note:
The synchronization method described in
this
section
is
only
a
typical
implementation and because it is usually
implemented in firmware, it can be altered
to fit the needs of a particular system
Blocked
Entire Window
rotates to eliminate
use of previously
used codes
Current
Position
(32K Codes)
Double
Operation
(32K Codes)
Single Operation
Window (16 Codes)
Button Press
Information
EEPROM Array
Encoder Key
32 Bits of
Encrypted Data
Serial Number
Received Information
Decrypted
Synchronization
Counter
Check for
Match
Check for
Match
KEELOQ
Algorithm
Decryption
Sync Counter
Serial Number
Manufacturer Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com