Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2000 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Type 8640
17 | 32
Visit product website 
7.
Device/Process connections
7.1. Collective line modules and multipol modules
Module
Description
Collective connection module
• Connection via individual stranded wires
• Looped-through ground potential
• Max. 24 valves
• Degree of protection IP20
• Screw-type terminals
Multi-pin module
Valve outputs
• Max. 24 valves
• Degree of protection IP20
• Electrical connection plug D-Sub (2-pin)
7.2. Fieldbus modules
Module
Description
PROFIBUS DP
• Max. 24 valves
• Degree of protection IP20
• Max. 32 repeaters (in connection with EME module)
• Transmission rates 9.6 / 19.2 / 93.75 / 187.5 / 500 kBaud, 1.5 / 3 / 6 / 12 MBaud
• Power supply with rectangular plug (4-pin)
• Bus connection D-Sub (9-pin)
• RIO connection M8 (4-pin)
PROFINET IO, EtherNet/IP, Modbus
TCP
• Degree of protection IP20
• Max. 24 valves
• Max. 32 repeaters (in connection with EME module)
• Transmission rates 10/100 MBits/s with Auto Crossover
• Power supply with rectangular plug (4-pin)
• Bus connection RJ45 (2x)
• RIO connection M8 (4-pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com