Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5TT10 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 5TT10
Description  Slow Blow Fuse Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5TT10 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  5TT10 Datasheet HTML 1Page - Bel Fuse Inc. 5TT10 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
e
g
n
a
r
p
m
A
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N0
5A
m-
A
0
1
%
5
3
1A
/
Nr
H
10
5A
m- A
0
1
%
0
0
2c
e
s
5c
e
s
0
30
5A
m- 3A
%
0
0
2c
e
s
3c
e
s
0
3A
1
.
3-
A
0
1
g
o
l
a
t
a
C
r
e
b
m
u
N
S
H
o
R
x
i
f
f
u
S
e
r
e
p
m
A
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
i
t
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
i
t
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
0
8
)
P
(
T
T
5
-R
8A
m
00
.
9
20
1
.
31
9
0
.
06
9
0
.
02
2
4
.
0
0
0
1
)
P
(
T
T
5
-R
A
m
0
0
10
.
0
27
7
.
27
3
1
.
06
4
1
.
05
4
.
0
5
2
1
)
P
(
T
T
5
-R
A
m
5
2
10
.
2
14
3
.
28
0
2
.
01
2
2
.
08
4
.
0
0
6
1
)
P
(
T
T
5
-R
A
m
0
6
18
8
.
68
9
.
14
1
3
.
07
3
3
.
01
5
.
0
0
0
2
)
P
(
T
T
5
-R
A
m
0
0
26
6
.
48
6
.
16
7
4
.
02
1
5
.
05
5
.
0
0
5
2
)
P
(
T
T
5
-R
A
m
0
5
26
1
.
32
4
.
19
1
7
.
08
7
7
.
08
5
.
0
0
0
3
)
P
(
T
T
5
-R
A
m
0
0
34
1
.
20
2
.
15
8
8
.
09
5
9
.
00
6
.
0
0
0
4
)
P
(
T
T
5
-R
A
m
0
0
45
4
.
12
0
.
15
6
.
10
8
.
16
6
.
0
0
0
5
)
P
(
T
T
5
-R
A
m
0
0
51
8
9
.
06
8
.
09
4
.
23
7
.
20
7
.
0
0
0
6
)
P
(
T
T
5
-R
6A
m
0
00
0
7
.
05
7
.
07
7
.
36
1
.
45
7
.
0
0
0
7
)
P
(
T
T
5
-R
7A
m
0
00
6
5
.
08
6
.
04
6
.
42
1
.
58
7
.
0
0
5
7
)
P
(
T
T
5
-R
A
m
0
5
72
9
4
.
04
6
.
05
2
.
51
8
.
59
7
.
0
1
)
P
(
T
T
5
-R
A
10
7
2
.
02
5
.
03
6
.
86
.
95
8
.
0
5
2
.
1
)
P
(
T
T
5
-R
A
5
2
.
16
0
2
.
04
4
.
01
.
3
16
.
4
11
9
.
0
5
.
1
)
P
(
T
T
5
-R
5
.
1A
0
4
1
.
09
3
.
03
.
8
15
.
0
26
9
.
0
6
.
1
)
P
(
T
T
5
-R
A
6
.
10
2
1
.
07
3
.
07
.
9
12
.
2
27
9
.
0
2
)
P
(
T
T
5
-R
A
20
8
0
.
02
3
.
09
.
9
27
.
3
33
0
.
1
5
.
2
)
P
(
T
T
5
-R
A
5
.
20
6
0
.
07
2
.
02
.
5
43
.
1
50
1
.
1
3
)
P
(
T
T
5
-R
A
33
4
0
.
03
2
.
06
.
5
53
.
3
63
1
.
1
5
1
.
3
)
P
(
T
T
5
-R
A
5
1
.
38
3
0
.
02
2
.
04
.
8
68
77
1
.
1
4
)
P
(
T
T
5
-R
A
49
2
0
.
09
1
.
03
0
19
1
15
2
.
1
5
)
P
(
T
T
5
-R
A
50
2
0
.
06
1
.
07
5
10
8
13
3
.
1
6
)
P
(
T
T
5
-R
A
65
1
0
.
02
1
.
08
1
27
1
33
2
.
1
3
.
6
)
P
(
T
T
5
-R
A
3
.
64
1
0
.
02
1
.
00
3
25
4
35
2
.
1
7
)
P
(
T
T
5
-R
7A
2
1
0
.
02
1
.
05
9
29
5
47
3
.
1
8
)
P
(
T
T
5
-R
A
80
1
0
.
01
1
.
09
1
32
7
41
3
.
1
0
1
)
P
(
T
T
5
-R
A
0
17
0
0
.
06
8
0
.
07
6
43
0
70
4
.
1
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Se
p
y
Ty
ti
li
b
a
.
R
.I
@
tl
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
N
el
iF
d
e
ts
iL
P
T
T
5
/
T
T
5
A
m
0
5
.
A
0
0
1
@
C
A
V
0
5
2
/
A
3
-
2
7
7
9
3
R
L
.
o
N
el
iF
d
ei
fi
tr
e
CA
m
0
5
.
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
8
-
4
2
6
0
2
E
.
o
N
el
iF
d
e
zi
n
g
o
c
e
R
P
T
T
5
/
T
T
5A
0
0
0
,
1
@
C
A
V
5
2
1
/
A
0
1
2
7
7
9
3
R
L
.
o
N
el
iF
e
c
n
a
t
p
e
c
c
A
,
1
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
el
iF
3
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
P
T
T
5
/
T
T
5A
1 .
A
0
0
5
@
C
A
V
5
2
1
/
A
5
-
2
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
el
iFT
T
5A
5
> ..
A
0
0
3
@
C
A
V
5
2
1
/
A
5
1
-
Electrical Characteristics (UL/CSA STD. 248-14)
Consult manufacturer for other ratings
Mechanical Dimensions
Type 5TT / 5TTP
Slow Blow Fuse Series
5 x 20mm Glass Tube
5TTD1005
E5TTD1005A
0.787"
± 0.02"
(20
± 0.5mm)
0.20"
± 0.004"
(5.1
± 0.1mm)
0.827"
± 0.02"
(21.0
± 0.5mm)
1.5"
± 0.08"
(38.1
± 2mm)
0.217"
± 0.004"
(5.5
± 0.1mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
5TTP
5TT
57
RoHS Compliant
Packaging
1. In bulk:
5TT - 1,000 pcs per box; 5TTP - 500 pcs per box
2. On Axial Tape & Reel:
1,500 pcs per reel
3.Tape & Reel specification:
per EIA-296-E & IEC 286-1@ 10mm Pitch and 63.5mm inside Tape Spacing
EW5TTD0405-
A
RoHS Compliant Product
For RoHS Compliant Version, add suffix “R” after catalog number
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
5A and less:
Glass body / Nickel Plated Brass Caps
Lead wire:Tin plated Copper, Diameter 0.032"
6A and above:
Ceramic body / Nickel Plated Brass Caps
Lead wire:Tin plated Copper, Diameter 0.040"
Marking
On fuse:
“bel”,“5TT”,“Current Rating”,“Voltage Rating”,
“Appropriate Safety Logos”, “✔” (RoHS Version)
On label:
“bel”,“5TT”or “5TTP”,“Current Rating”,
“Voltage Rating”,“Interrupting Rating”, “Appropriate Safety
Logos” and “
”+ suffix “R” for RoHS Version
Voltage on fuse:
250V for 50mA to 3A; 125V for rating above 3A
Approvals
u rßSpc
u
r
ß
S
p


Similar Part No. - 5TT10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5TT100-R BEL-5TT100-R Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
More results

Similar Description - 5TT10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
Slow Blow Fuse Series
3SB BEL-3SB Datasheet
104Kb / 2P
Slow Blow Fuse Series
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
Slow Blow Fuse Series
0606-0062-33 BEL-0606-0062-33 Datasheet
91Kb / 2P
Slow Blow Fuse Series
3SB BEL-3SB_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
5TT BEL-5TT_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
GSA BEL-GSA_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
3SB BEL-3SB_17 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
5TT BEL-5TT_16 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
GSA BEL-GSA_17 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com