Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41889 Datasheet(PDF) 6 Page - EPCOS

Part # B41889
Description  General-purpose grade capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41889 Datasheet(HTML) 6 Page - EPCOS

Back Button B41889 Datasheet HTML 2Page - EPCOS B41889 Datasheet HTML 3Page - EPCOS B41889 Datasheet HTML 4Page - EPCOS B41889 Datasheet HTML 5Page - EPCOS B41889 Datasheet HTML 6Page - EPCOS B41889 Datasheet HTML 7Page - EPCOS B41889 Datasheet HTML 8Page - EPCOS B41889 Datasheet HTML 9Page - EPCOS B41889 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
ESRmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 12.5 × 25 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
VR = 6.3 V DC
680
8
× 11.5
0.54
0.043
0.036
1140
1596
B41889A2687M***
820
8
× 11.5
0.44
0.043
0.036
1140
1596
B41889A2827M***
1000
10
× 12.5
0.36
0.030
0.025
1540
2156
B41889A2108M***
1200
10
× 16
0.30
0.022
0.018
2000
2800
B41889A2128M***
1500
10
× 16
0.24
0.022
0.018
2000
2800
B41889A2158M***
2200
10
× 20
0.18
0.016
0.013
2550
3570
B41889A2228M***
VR = 10 V DC
470
8
× 11.5
0.67
0.043
0.036
1140
1596
B41889A3477M***
680
10
× 12.5
0.46
0.030
0.025
1540
2156
B41889A3687M***
1000
10
× 16
0.32
0.022
0.018
2000
2800
B41889A3108M***
1500
10
× 20
0.21
0.016
0.013
2550
3570
B41889A3158M***
2200
12.5
× 25
0.16
0.013
0.011
2800
3920
B41889A3228M***
VR = 16 V DC
470
10
× 12.5
0.56
0.030
0.025
1540
2156
B41889A4477M***
680
10
× 16
0.39
0.022
0.018
2000
2800
B41889A4687M***
1000
10
× 16
0.27
0.022
0.018
2000
2800
B41889A4108M***
1500
10
× 20
0.18
0.016
0.013
2550
3570
B41889A4158M***
2200
12.5
× 25
0.14
0.013
0.011
2800
3920
B41889A4228M***
B41889
Very low impedance
105
°C
Page 6 of 23
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com