Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MM Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # 2MM
Description  Motor Protector/Thermal Cut-Out
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2MM Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  2MM Datasheet HTML 1Page - Sensata Technologies, Inc. 2MM Datasheet HTML 2Page - Sensata Technologies, Inc. 2MM Datasheet HTML 3Page - Sensata Technologies, Inc. 2MM Datasheet HTML 4Page - Sensata Technologies, Inc. 2MM Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.sensata.com
Page 3
Copyright © 2018 Sensata Technologies, Inc.
Dimensions in mm [Inch]
DIMENSIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com