Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1618 Datasheet(PDF) 3 Page - EPCOS

Part # B1618
Description  RF Filter For Dual Conversion
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1618 Datasheet(HTML) 3 Page - EPCOS

  B1618 Datasheet HTML 1Page - EPCOS B1618 Datasheet HTML 2Page - EPCOS B1618 Datasheet HTML 3Page - EPCOS B1618 Datasheet HTML 4Page - EPCOS B1618 Datasheet HTML 5Page - EPCOS B1618 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Aug 12, 2004
SAW Components
B1618
1216,00 MHz
RF Filter For Dual Conversion
Characteristics
Operating temperature range:
T
= 35 ˚C to 75 ˚C
Terminating source impedance:
ZS = 200 Ω
Terminating load impedance:
ZL = 200 Ω
min.
typ.
max.
Nominal frequency
fN
—
1216,00
—
MHz
Maximum insertion attenuation
α
max
1212,00 ...1220,00 MHz
—
3,2
4,2
dB
Amplitude ripple in passband (p-p)
∆α
1212,00 ...1220,00 MHz
—
0,7
1,2
dB
Amplitude ripple in any 6 MHz channel (p-p)
∆α
1212,00 ...1220,00 MHz
—
0,7
1,2
dB
Pass bandwidth
α
rel ≤ 3 dB
B3dB
12,1
17,3
—
MHz
α
rel ≤ 12 dB
B12dB
16,6
21,8
—
MHz
Attenuation
α
500,00 ... fN–91,00 MHz
56,0
60,0
—
dB
fN–91,00 ... fN–85,00 MHz
56,0
60,0
—
dB
fN–76,00 ... fN–68,00 MHz
55,0
59,0
—
dB
fN–88,00 MHz
56,0
60,0
—
dB
fN–72,00 MHz
55,0
59,0
—
dB
fN–44,00 MHz
50,0
57,0
—
dB
fN–36,00 MHz
46,0
50,0
—
dB
fN+40,00 ... 2000,00 MHz
54,0
60,0
—
dB
Group delay ripple (p-p)
1212,00 ...1220,00 MHz
—15
—
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com