Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3521 Datasheet(PDF) 3 Page - EPCOS

Part # B3521
Description  Low Loss Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3521 Datasheet(HTML) 3 Page - EPCOS

  B3521 Datasheet HTML 1Page - EPCOS B3521 Datasheet HTML 2Page - EPCOS B3521 Datasheet HTML 3Page - EPCOS B3521 Datasheet HTML 4Page - EPCOS B3521 Datasheet HTML 5Page - EPCOS B3521 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Sep 06, 2005
SAW Components
B3521
1575,42 MHz
Low Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= –40 ... +85˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
1575,42
MHz
Maximum insertion attenuation
α
max
1574,42 ...1576,42 MHz
3,2
3,5
dB
Amplitude ripple (p-p)
∆α
1574,42 ...1576,42 MHz
0,5
1,0
dB
Input VSWR
1574,42 ...1576,42 MHz
1,9
2,3
Output VSWR
1574,42 ...1576,42 MHz
1,9
2,3
Attenuation
α
850,00 MHz
45
65
dB
1500,00 MHz
40
43
dB
1535,42 MHz
35
42
dB
1615,42 MHz
25
33
dB
1640,00 MHz
45
48
dB
1700,00 MHz
50
52
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com