Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6972 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX6972
Description  16-Output PWM LED Drivers for Message Boards
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6972 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX6972 Datasheet HTML 15Page - Maxim Integrated Products MAX6972 Datasheet HTML 16Page - Maxim Integrated Products MAX6972 Datasheet HTML 17Page - Maxim Integrated Products MAX6972 Datasheet HTML 18Page - Maxim Integrated Products MAX6972 Datasheet HTML 19Page - Maxim Integrated Products MAX6972 Datasheet HTML 20Page - Maxim Integrated Products MAX6972 Datasheet HTML 21Page - Maxim Integrated Products MAX6972 Datasheet HTML 22Page - Maxim Integrated Products MAX6972 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
16-Output PWM LED Drivers
for Message Boards
______________________________________________________________________________________
21
Power-Supply Considerations
The MAX6972/MAX6973 operate with a power-supply
voltage of 3.0V to 3.6V. Bypass the VDD power supply
to GND with a 0.1µF ceramic capacitor as close as
possible to the device pins. If the LED supply is shared
with the VDD supply, adequately decouple the VDD
supply with bulk capacitance to ensure that the fast-
rising, high-current LED drive currents do not cause
transient dips in VDD.
Driving LEDs from a Supply Higher than 7V
An external npn transistor in a cascode configuration
extends the output drive voltage above 7V. The external
pass transistor’s emitter clamps to a VBE below its
base, which is connected to the MAX6972/MAX6973’s
supply voltage. An optional emitter resistor reduces the
voltage drop across the MAX6972/MAX6973’s output
transistor and effectively takes the dissipation off the
device into the resistor. The external transistor’s collector
current is equal to its emitter current (less a small base
current), and the MAX6972/MAX6973 accurately
control the emitter current with a constant current sink
driver structure.
Example of using an external npn transistor:
VDD = 3.3V ±5%, IOUT = 55mA, external pass transistor
VBE = 0.7V - 1V at 55mA emitter current.
For best output current accuracy, design VO to be at
least 1.2V:
R1(MAX) = (3.15 - 1 - 1.2) / 0.055 = 17.3
Ω, so choose
R1 = 15
Ω
hence,
VO(MIN) = 3.15 - 1 - (15 x 0.055) = 1.325V and VO(MAX)
= 3.45 - 0.7 - (15 x 0.055) = 1.925V.
MAX6972
MAX6973
VDD
R1
Q1
55mA
+3.3V
+3.3V
+24V
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y0
GND
Figure 13. External Cascode npn Transistor
MAX6972
MAX6972
MAX6972
SYSTEM
CLK
DATA
LOAD
CLKO
DINO
LOADO
CLKI
DINI
LOADI
Y0/Z0
16 RG LEDs
16 BLUE LEDs
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
Y5/B5
Y6/Z6
Y7/Z7
Y0/Z0
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
Y5/B5
Y6/Z6
Y7/Z7
Y0/Z0
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
Y5/B5
Y6/Z6
Y7/Z7
CLKO
DINO
LOADO
CLKI
DINI
LOADI
CLKO
DINO
LOADO
CLKI
DINI
LOADI
Typical Operating Circuit
Chip Information
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com