Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8607 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8607
Description  1MHz PWM Boost Converter for 1.5A White LED Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8607 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8607 Datasheet HTML 2Page - Maxim Integrated Products MAX8607 Datasheet HTML 3Page - Maxim Integrated Products MAX8607 Datasheet HTML 4Page - Maxim Integrated Products MAX8607 Datasheet HTML 5Page - Maxim Integrated Products MAX8607 Datasheet HTML 6Page - Maxim Integrated Products MAX8607 Datasheet HTML 7Page - Maxim Integrated Products MAX8607 Datasheet HTML 8Page - Maxim Integrated Products MAX8607 Datasheet HTML 9Page - Maxim Integrated Products MAX8607 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Inductor Selection
The MAX8607 is designed to use a 2.2µH inductor. To
prevent core saturation, ensure that the inductor-satura-
tion current rating exceeds the peak inductor current
for the application. Calculate the worst-case peak
inductor current with the following formula:
Table 2 provides a list of suggested inductors.
Capacitor Selection
Bypass the input to PGND using a ceramic capacitor.
Place the capacitor as close to the IC as possible. The
exact value of the input capacitor is not critical. The
typical value for the input capacitor is 10µF; however,
larger value capacitors can be used to reduce input
ripple at the expense of size and higher cost.
The output capacitance required depends on the
required LED current. A 10µF ceramic capacitor works
well in most situations, but a 4.7µF capacitor is accept-
able for load current below 300mA.
PC Board Layout
Due to fast switching waveforms and high-current paths,
careful PC board layout is required. Connect GND
directly to the exposed paddle underneath the IC; con-
nect the exposed paddle to the PC board ground plane.
Connect LGND and PGND to the ground plane. The out-
put bypass capacitor should be placed as close to the
IC as possible. CCOMP should be connected from
COMP to GND as close to the IC as possible. Minimize
trace lengths between the IC and the inductor, the input
capacitor, and the output capacitor; keep these traces
short, direct, and wide. The ground connections of CIN
and COUT should be as close together as possible and
connected to PGND. The traces from the input to the
inductor and from the output capacitor to the LED may
be longer. A sample layout is available in the MAX8607
evaluation kit (MAX8607EVKIT) to speed design.
Chip Information
PROCESS: BiCMOS
I
VI
V
Vs
H
PEAK
LED MAX
IN MIN
IN MIN
=
×
×
+
×
×
5
09
05
22 2
()
()
()
.
.
.
µ
µ
1MHz PWM Boost Converter for 1.5A
White LED Camera Flash
8
_______________________________________________________________________________________
LX
PGND
LGND
COMP
FLSH
MOV
OUT
EN1
EN2
LED
INPUT
2.7V TO 5.5V
OUTS
GND
MODE-
SELECT
INPUTS
C2
10
µF
L1
2.2
µH
MAX8607
EP
R2
R1
5
4
2
3
1
C3
0.1
µF
C1
10
µF
9, 10
11, 12
13
14
7
6
8
D1
U1
Figure 2. Typical Application Circuit
MANUFACTURER
SERIES
INDUCTANCE
(µH)
DCR
(m
Ω)
ISAT
(A)
DIMENSIONS
(LTYP x WTYP x HMAX = Volume)
Coilcraft
LPO3310
2.2
150
1.1
3.3 x 3.3 x 1.0 = 11mm
3
Cooper (Coiltronics)
SD3114
2.2
83
1.48
3.0 x 3.0 x 1.45 = 13mm
3
MIPF2520
2.2
80
0.7
2.5 x 2.0 x 1.0 = 5mm
3
FDK
MIPW3226
2.2
100
1.1
3.2 x 2.6 x 1.0 = 8mm
3
DE2812C
2.2
70
1.6
3.0 x 2.8 x 1.2 = 10mm
3
TOKO
FDSE0312
2.2
160
2.3
3.0 x 3.0 x 1.2 = 11mm
3
Table 2. Suggested Inductors



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com