Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT491 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # FMMT491
Description  Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FMMT491 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  FMMT491 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FMMT491 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FMMT491 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1
10
1
10
100
1000
10
10
100
1
10
100
1000
10
100
1000
02
46
8
10
0
100
200
300
400
200
400
600
800
1000
1
10
100
1000
1
10
100
1000
10
100
1000
1
10
100
1000
200
400
600
800
1000
1200
0
25
50
75
100
125
150
0
50
100
150
200
250
300
f
T
——
V
BE
I
C
——
C
ob
C
ib
f=1MHz
I
E=0/ IC=0
Ta=25
oC
REVERSE VOLTAGE V (V)
20
V
CB
/ V
EB
C
ob
/ C
ib
——
I
C
COMMON EMITTER
V
CE=5V
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
500
3
60
h
FE
——
Ta=100℃
Ta=25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
T
a=25
℃
2mA
1.8mA
1.6mA
1.4mA
1.2mA
1mA
0.8mA
0.6mA
0.4mA
I
B=0.2mA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=5V
BASE-EMMITER VOLTAGE V
BE
(mV)
COMMON EMITTER
V
CE=5V
Ta=25
oC
Ta=100
oC
I
C
COLLECTOR CURRENT I
C
(mA)
2000
β=10
Ta=100℃
Ta=25℃
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE Ta ( )
℃
Pc
——
Ta
Typical Characteristics
FMMT491
TRANSISTOR(NPN)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com