Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7220 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # AS7220
Description  Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7220 Datasheet(HTML) 2 Page - OSRAM GmbH

  AS7220 Datasheet HTML 1Page - OSRAM GmbH AS7220 Datasheet HTML 2Page - OSRAM GmbH AS7220 Datasheet HTML 3Page - OSRAM GmbH AS7220 Datasheet HTML 4Page - OSRAM GmbH AS7220 Datasheet HTML 5Page - OSRAM GmbH AS7220 Datasheet HTML 6Page - OSRAM GmbH AS7220 Datasheet HTML 7Page - OSRAM GmbH AS7220 Datasheet HTML 8Page - OSRAM GmbH AS7220 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ams Datasheet
Page 1
[v1-00] 2017-Feb-16
Document Feedback
AS7220
Calibrated CCT and Lumen
Maintenance Smart Lighting Manager
The AS7220 Smart Lighting Manager is part of the ams
Cognitive Lighting™ family of products that enable lights to
autonomously adapt to human lighting and energy
conservation needs. The device is equipped with an advanced
Cognitive Lighting Engine (CLE) to optimize CCT and lumen
maintenance and color maintenance via a combination of PWM
and/or 0-10V controls with dimming ballasts. Daylight
harvesting can also be performed by adding an I²C connected
ams ambient light sensor.
AS7220 XYZ chromatic white/color sensing provides mapping
to x, y (z) of the CIE 1931 2-dimensional color gamut coordinates
and scales the coordinates to the CIE 1976 u’v’ coordinate
system. The AS7220 integrates standard observer filters into
standard silicon via nano-optic deposited interference filters
which deliver high-stability over time and temperature. The
LGA package includes a built-in aperture to control light
entering the sensor array. Integrated intelligence enables
lifetime CCT calibration to within 2-4 Macadam steps.
The AS7220 connects to standard 0-10V dimmer inputs and
drives 0-10V dimming ballasts/drivers to enable a highly
cost-effective white tunable current-steering luminaire design
with a single-channel constant current ballast. Direct PWM
inputs can also interface to standard LED drivers or
multi-channel ballasts for constant voltage LED lighting
architectures.
Ordering Information and Content Guide appear at end of
datasheet.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com