Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7225 Datasheet(PDF) 56 Page - OSRAM GmbH

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Datasheet(HTML) 56 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 52Page - OSRAM GmbH AS7225 Datasheet HTML 53Page - OSRAM GmbH AS7225 Datasheet HTML 54Page - OSRAM GmbH AS7225 Datasheet HTML 55Page - OSRAM GmbH AS7225 Datasheet HTML 56Page - OSRAM GmbH AS7225 Datasheet HTML 57Page - OSRAM GmbH AS7225 Datasheet HTML 58Page - OSRAM GmbH AS7225 Datasheet HTML 59Page - OSRAM GmbH AS7225 Datasheet HTML 60Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
Document Feedback
AS7225
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 55
12
Smart Lighting Command Interface
The Smart Lighting Director supports a high-level, driverless text control interface using its Smart
Lighting Command Set (SLCS) communicated through the UART interface. The SLCS provides a rich
configuration and control interface to speed the time-to-design and time-to-market for luminaire,
replacement lamp and driver manufacturers. The Smart Lighting Directo
r uses a variation of an “AT
command model” as popularized by early Hayes modems. The SLCS is integrated into the required
binary operating image that is included on the USB memory stick provided with the AS7225 Smart
Lighting Demo Kit. Updates or the latest version of the SLCS can be downloaded via
https://download.ams.com. Login is required and a login can be obtained through the email address
provided on the download site.
A configuration tool is available from ams to allow the luminaire, lamp or driver manufacturer to create
their own “factory default” conditions that will be integrated with the ams -supplied initial binary image
to create a ready-to-program default Flash image. The configuration tool is also available from
https://download.ams.com.
Write commands are constructed in the format “ATcmd=xxx” with the SLD returning the requested
data value followed by the “OK” text reply. Commands that are unsuccessfully interpreted or are
otherwise invalid will return an “ERROR” text reply.
For example:
●
Set the desired daylight LUX level target:
ATLUXT=500
<OK>
●
Read current lux target set point:
ATLUXT
<500 OK>
●
Read current calibrated lux level as observed by the sensor:
ATLUXC
<497 OK>
The “Smart Lighting Command Interface”, shown below between the network interface and the core of
the system, provides access to the Smart Lighting
Director’s lighting control and configuration
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com