Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7225-BLGT Datasheet(PDF) 52 Page - OSRAM GmbH

Part # AS7225-BLGT
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225-BLGT Datasheet(HTML) 52 Page - OSRAM GmbH

Back Button AS7225-BLGT Datasheet HTML 48Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 49Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 50Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 51Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 52Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 53Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 54Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 55Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 56Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
Document Feedback
AS7225
UART Command Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 51
11
UART Command Interface
The UART block implements the TX and RX signals as defined in the RS-232 / V.24 standard
communication protocol. A SPI Flash is a required operating companion device for the AS7225 to
function or to communicate via the UART interface. Using non-verified flash devices can cause
communication issues and may not be compatible. See Figure 83 for a subset of supported devices,
which are tested by ams
. The “xx” in the serial flash name stands for alternative packages and a
reference is provided to the current list of verified flash devices. Flash timing is provided in Figure 81
and Figure 82 for debug purposes.
11.1.1
UART Feature List
●
Full Duplex Operation (Independent Serial Receive and Transmit Registers)
●
Factory set to 115.2 kBaud
●
Supports Serial Frames with 8 Data Bits, no Parity and 1 Stop Bit.
11.1.2
Operation
Transmission
If data is available, it will be moved into the output shift register and the data will be transmitted at the
Baud Rate, starting with a Start Bit (logic zero) and followed by a Stop Bit (logic one).
Reception
At any time, with the receiver being idle, if a falling edge of a Start Bit is detected on the input, a byte
will be received. The following Stop Bit will be checked to be logic one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com