| Electronic Components Datasheet Search |
|
AS7261N Datasheet(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7261N Datasheet(HTML) 2 Page - OSRAM GmbH |
|
2 / 43 page ![]() ams Datasheet Page 1 [v1-02] 2017-Feb-27 Document Feedback AS7261N XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter The AS7261N provides direct XYZ sensor data which conforms to the tri-stimulus standard observer color response of the human eye. A near-IR channel enables additional application flexibility. LED drivers with programmable currents are provided for electronic shutter applications. The AS7261N integrates Gaussian filters into standard CMOS silicon via nano-optic deposited interference filter technology and is packaged in an LGA package that provides a built in aperture to control the light entering the sensor array. Control and spectral data access is implemented through an I²C register set. Ordering Information and Content Guide appear at end of datasheet. Key Benefits & Features The benefits and features of AS7261N, XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter are listed below: Figure 1: AS7261N Benefits and Features Benefits Features • XYZ channel data conforming to human eye response to color information • XYZ tri-stimulus standard observer filter set • High accuracy ambient light measurements • Ambient light sensing (photopic response) • Direct register read and write with interrupt on sensor ready • I²C slave digital Interface with optional interrupt operation • High stability over lifetime with minimal drift over temperature • Filter set realized by silicon interference filters • No additional signal conditioning required • 16-bit ADC with digital access • Direct register read and write with interrupt on sensor ready • I²C slave digital Interface with optional interrupt operation General Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |