Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS73211 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 23Page - OSRAM GmbH AS73211 Datasheet HTML 24Page - OSRAM GmbH AS73211 Datasheet HTML 25Page - OSRAM GmbH AS73211 Datasheet HTML 26Page - OSRAM GmbH AS73211 Datasheet HTML 27Page - OSRAM GmbH AS73211 Datasheet HTML 28Page - OSRAM GmbH AS73211 Datasheet HTML 29Page - OSRAM GmbH AS73211 Datasheet HTML 30Page - OSRAM GmbH AS73211 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 26
It is also possible to use Power Down state in combination with SYNS mode. The falling edge at pin
SYN immediately starts the conversion after Power Down ends shown by the signal at pin READY.
That kind of measurement is only useful in case of the distance between falling edges at pin SYN is
more than the conversion time, pause time and startup time together. Figure 25 shows the principle
sequence of measurement in SYNS mode being ready (bits OSR:PD = ‚1‘ and OSR:SS = ‚1‘) and
waiting for falling edge at pin SYN to startup.
Figure 25:
Principle Sequence of Measurement in SYNS Mode
By additionally activated Standby (bit CREG3:SB = ‚1‘) a maximum of energy can be saved, because
the operational readiness is given not until short before A/D conversion starts and with the beginning
read process of the results (pause time) the device is already again saving energy in Standby state
(see Figure 26). Figure 26 shows the principle sequence of measurement in SYNS mode being ready
with OSR:PD = ‚1‘ (as in Figure 25), but now with bit CREG3:SB = ‚1‘ to save a maximum of energy as
explained above.
Figure 26:
Principle Sequence of Measurement in SYNS Mode Being R
eady with OSR:PD = ‚1‘
MEASUREMENT
PAUSE
POWDOWN
POWDOWN
MEASUREMENT 1
STATE
MRES1 …
MRES3
READY
I²C activity
data
fetch
RESULTS 1
OSR
C0h
SYN
TCONV
start
start
TBREAK
TSTARTPD
TSTARTPD
SBY
S
MEASUREMENT 1
S
POWDOWN
STATE
MRES1 …
MRES3
READY
I²C activity
OSR
C0h
SYN
start
MEASUREMENT
PAUSE
POWDOWN
data
fetch
RESULTS 1
start
TBREAK
TCONV
TSTARTPD
TSTARTSB
TSTARTPD
TSTARTSB
STANDBY
STANDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com