Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7421 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button AS7421 Datasheet HTML 23Page - OSRAM GmbH AS7421 Datasheet HTML 24Page - OSRAM GmbH AS7421 Datasheet HTML 25Page - OSRAM GmbH AS7421 Datasheet HTML 26Page - OSRAM GmbH AS7421 Datasheet HTML 27Page - OSRAM GmbH AS7421 Datasheet HTML 28Page - OSRAM GmbH AS7421 Datasheet HTML 29Page - OSRAM GmbH AS7421 Datasheet HTML 30Page - OSRAM GmbH AS7421 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 26
10
Register Description
The device is controlled and monitored by registers accessed through the I²C serial interface. These
registers provide device control functions and can be read to determine device status and acquire
device data.
The register set is summarized below. The values of all registers and fields that are listed as reserved
(gray) or are not listed must not be changed at any time. Two-byte fields are always latched with the
low byte followed by the high byte. The
“Name” column illustrates the purpose of each register by
highlighting the function associated to each bit. The bits are shown from MSB (D7) to LSB (D0).
Note: After power on reset the following commands have to be written prior accessing other registers:
Write 44h to register 6Fh
Write 20h to register 6Eh
Write 00h to register 6Fh
10.1
Register Overview
Figure 26:
Register Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
Configuration Registers
0x38
CFG_MISC
LED_WAI
T_OFF
WAIT_CYC
LE_ON
SW_RST
0x39
CFG_LED_MUL
T
LED_MULT [4:0]
0x3A
reserved
reserved
0x3B
reserved
reserved
0x3C
TEMP_COMPD
AC
TEMP_COMPDAC [7:0]
0x3D
LED_WAIT
LED_WAIT [7:0]
0x3E
CFG_PINMAP
INT_PINMAP [2:0]
INT_INVE
RT
GPIO_PINMAP [2:0]
RAM Configuration
0x40
CFG_RAM_0
32 Byte for programming the configuration data into the internal RAM
0x5F
CFG_RAM_31
Enable Register
0x60
ENABLE
LTF_MODE [1:0]
LED_AUTO [1:0]
SYNC_E
N
TSD_EN
LTF_EN
PON
Configuration Registers
0x61
LTF_ITIME_L
LTF_ITIME [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com