Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7050A Datasheet(PDF) 13 Page - OSRAM GmbH

Part # SFH7050A
Description  BIOFY® Biomonitoring Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7050A Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button SFH7050A Datasheet HTML 9Page - OSRAM GmbH SFH7050A Datasheet HTML 10Page - OSRAM GmbH SFH7050A Datasheet HTML 11Page - OSRAM GmbH SFH7050A Datasheet HTML 12Page - OSRAM GmbH SFH7050A Datasheet HTML 13Page - OSRAM GmbH SFH7050A Datasheet HTML 14Page - OSRAM GmbH SFH7050A Datasheet HTML 15Page - OSRAM GmbH SFH7050A Datasheet HTML 16Page - OSRAM GmbH SFH7050A Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SFH 7050A
DATASHEET
DATASHEET
13 | Version 1.1 | 2022-06-20
Relative Spectral Sensitivity 1), 2)
■ photodiode: S
rel = f (λ)
Directional Characteristics 1), 2)
■ photodiode: S
rel = f (φ)
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com