Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3408 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # TCS3408
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3408 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button TCS3408 Datasheet HTML 13Page - OSRAM GmbH TCS3408 Datasheet HTML 14Page - OSRAM GmbH TCS3408 Datasheet HTML 15Page - OSRAM GmbH TCS3408 Datasheet HTML 16Page - OSRAM GmbH TCS3408 Datasheet HTML 17Page - OSRAM GmbH TCS3408 Datasheet HTML 18Page - OSRAM GmbH TCS3408 Datasheet HTML 19Page - OSRAM GmbH TCS3408 Datasheet HTML 20Page - OSRAM GmbH TCS3408 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
Page 16
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Detailed Description
I²C Protocol
The device uses I²C serial communication protocol for
communication. The device supports 7-bit chip addressing and
both standard and full-speed clock frequency modes. Read and
Write transactions comply with the standard set by Philips (now
NXP). For a complete description of the I²C protocol, please
review the NXP I²C design specification.
Internal to the device, an 8-bit buffer stores the register address
location of the desired byte to read or write. This buffer
auto-increments upon each byte transfer and is retained
between transaction events (I.e. valid even after the master
issues a STOP command and the I²C bus is released). During
consecutive Read transactions, the future/repeated I²C Read
transaction may omit the memory address byte normally
following the chip address byte; the buffer retains the last
register address +1.
All 16-bit fields have a latching scheme for reading and writing.
In general it is recommended to use I²C bursts whenever
possible, especially in this case when accessing two bytes of
one logical entity. When reading these fields, the low byte must
be read first, and it triggers a 16-bit latch that stores the 16-bit
field. The high byte must be read immediately afterwards. When
writing to these fields, the low byte must be written first,
immediately followed by the high byte. Reading or writing to
these registers without following these requirements will cause
errors.
A Write transaction consists of a START, CHIP-ADDRESSWRITE,
REGISTER-ADDRESS WRITE, DATA BYTE(S), and STOP. Following
each byte (9TH clock pulse) the slave places an
ACKNOWLEDGE/NOT- ACKNOWLEDGE (ACK/NACK) on the bus.
If NACK is transmitted by the slave, the master may issue a STOP.
A Read transaction consists of a START, CHIP-ADDRESSWRITE,
REGISTER-ADDRESS, RESTART, CHIP-ADDRESSREAD, DATA
BYTE(S), and STOP. Following all but the final byte the master
places an ACK on the bus (9TH clock pulse). Termination of the
Read transaction is indicated by a NACK being placed on the
bus by the master, followed by STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com