Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34083M Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TCS34083M
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083M Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TCS34083M Datasheet HTML 4Page - OSRAM GmbH TCS34083M Datasheet HTML 5Page - OSRAM GmbH TCS34083M Datasheet HTML 6Page - OSRAM GmbH TCS34083M Datasheet HTML 7Page - OSRAM GmbH TCS34083M Datasheet HTML 8Page - OSRAM GmbH TCS34083M Datasheet HTML 9Page - OSRAM GmbH TCS34083M Datasheet HTML 10Page - OSRAM GmbH TCS34083M Datasheet HTML 11Page - OSRAM GmbH TCS34083M Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Datasheet, Public
Page 7
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Optical Characteristics
Note(s):
1. The typical 3-sigma distribution shows less than 1 count for an ATIME setting of less than 98ms.
2. The gain ratios are calculated relative to the response with integration time = 27.8ms and ALS gain = 128x.
3. The White LED is an InGaN light-emitting diode with integrated phosphor and the following characteristic: correlated color
temperature = 2700K.
4. Lux accuracy is an illuminance estimated using the red, green, blue, and clear channels and is not 100% production tested.
5. ADC noise is calculated as the standard deviation relative to full scale.
6. The Blue LED is an InGaN light-emitting diode with the following characteristics: dominant wavelength λD = 465nm, spectral
halfwidth Δλ½ = 22nm.
7. The Red LED is an AlInGaP light-emitting diode with the following characteristics: dominant wavelength λD = 615nm, spectral
halfwidth Δλ½ = 15nm.
8. The Green LED is an InGaN light-emitting diode with the following characteristics: dominant wavelength λD = 525nm, spectral
halfwidth Δλ½ = 35nm.
Red/Clear channel ratios
White LED, 2700K
52
72
%
Blue LED, λD = 465nm
(6)
020
Red LED, λD = 615nm
(7)
81
111
Green/Clear channel ratios
White LED, 2700K
21
42
Green LED, λD = 525nm
(8)
63
86
Red LED, λD = 615nm
020
Blue/Clear channel ratios
White LED, 2700K
130
%
Blue LED, λD = 465nm
73
100
Red LED, λD = 615nm
020
Wideband/Clear channel ratio
White LED, 2700K
26
44
Wideband/Flicker_1 channel ratio
White LED, 2700K
18
25
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com