Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34103 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # TCS34103
Description  Universal Ambient Light RGB Sensor with Selective Flicker Detection for Use Behind OLED Displays or Auxiliary to Camera
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34103 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button TCS34103 Datasheet HTML 34Page - OSRAM GmbH TCS34103 Datasheet HTML 35Page - OSRAM GmbH TCS34103 Datasheet HTML 36Page - OSRAM GmbH TCS34103 Datasheet HTML 37Page - OSRAM GmbH TCS34103 Datasheet HTML 38Page - OSRAM GmbH TCS34103 Datasheet HTML 39Page - OSRAM GmbH TCS34103 Datasheet HTML 40Page - OSRAM GmbH TCS34103 Datasheet HTML 41Page - OSRAM GmbH TCS34103 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
Datasheet, Public
Page 37
[v3-00] 2022-Dec-10
Document Feedback
TCS3410 − Register Overview
CFG4 Register
Figure 45:
CFG4
Note(s):
1. Return to the Register Map (0xA5).
Addr: 0xA5
CFG4
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6
MOD_CALIBRATION_
NTH_ITERATION_
STEP_ENABLE
0R/W
Enable a modulator calibration with nth iterations
per sequencer step instead of waiting for a full round
for all sequencers to be finished. In case of AGC
enabled (MOD_CALIB_NTH_ITERATION_AGC_
ENABLE) this bit must be set “0”, otherwise AGC will
not properly work.
5
MEASUREMENT_
SEQUENCER_AGC_
PREDICT_TARGET_
LEVEL
0R/W
Sets the target measurement levels for AGC
prediction.
0: 50% of max value
1: 25% of max value
4
MEASURMENT_
SEQUENCER_
SINT_PER_STEP
0R/W
Invokes the system interrupt SINT_MEASUREMENT_
SEQUENCER per sequencer step instead of after a full
sequencer round.
3
OSC_TUNE_NO_
RESET
0R/W
OSC_TUNE is set to “0” at each transition of PON
from “0” to “1”. If OSC_TUNE_NO_RESET is asserted,
OSC_TUNE is not reset to “0”.
2Reserved
0
1:0
MOD_ALS_FIFO_
DATA_FORMAT
0R/W
Sets the format for ALS data written to FIFO. Please
observe readout pattern if digital or analog
saturation has occurred
00: 16-bit (0xFFFF is encoded as analog saturation,
0xFFFE is encoded as digital saturation)
01: 24-bit (0xFFFFFF is encoded as analog saturation,
0xFFFFFE is encoded as digital saturation)
10: Reserved
11: 32-bit (0xFFFFFFFF is encoded as analog
saturation, no digital saturation will happen)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com