Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34087M Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TCS34087M
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34087M Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TCS34087M Datasheet HTML 5Page - OSRAM GmbH TCS34087M Datasheet HTML 6Page - OSRAM GmbH TCS34087M Datasheet HTML 7Page - OSRAM GmbH TCS34087M Datasheet HTML 8Page - OSRAM GmbH TCS34087M Datasheet HTML 9Page - OSRAM GmbH TCS34087M Datasheet HTML 10Page - OSRAM GmbH TCS34087M Datasheet HTML 11Page - OSRAM GmbH TCS34087M Datasheet HTML 12Page - OSRAM GmbH TCS34087M Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Page 8
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 8:
Electrical Characteristics of TCS3408, VDD = 1.8 V, TA = 25°C (unless otherwise noted)
Note(s):
1. This parameter indicates the supply current during periods of ALS integration. The ALS gain setting will have an effect on the active
supply current. The ALS gain setting used for this parameter is 128x.
2. Idle state occurs when PON=1 and all functions are disabled. This parameter is measured with LOWPOWER_IDLE=1.
3. Sleep state occurs when PON = 0 and I²C bus is idle. If Sleep state has been entered as the result of operational flow, SAI = 1, PON
will remain high.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD;ALS
ALS supply current
Active ALS state(1)
(PON=AEN=1)
196
280
μA
IDD;IDLE
Idle current
Idle state(2)
(PON=1, AEN=0)
40
60
IDD;SLEEP
Sleep current
Sleep state(3)
0.7
5
ILEAK
Leakage current
Measured on SDA, SCL, INT,
GPIO
-5
5
VOL
INT, SDA, GPIO output low
voltage
6mA sink current
0.4
V
VIH
SCL, SDA input high voltage
1.26
VIL
SCL, SDA input low voltage
0.54
CI
Input pin capacitance
10
pF
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com