Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34303 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TCS34303
Description  Color and ALS Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34303 Datasheet(HTML) 2 Page - OSRAM GmbH

  TCS34303 Datasheet HTML 1Page - OSRAM GmbH TCS34303 Datasheet HTML 2Page - OSRAM GmbH TCS34303 Datasheet HTML 3Page - OSRAM GmbH TCS34303 Datasheet HTML 4Page - OSRAM GmbH TCS34303 Datasheet HTML 5Page - OSRAM GmbH TCS34303 Datasheet HTML 6Page - OSRAM GmbH TCS34303 Datasheet HTML 7Page - OSRAM GmbH TCS34303 Datasheet HTML 8Page - OSRAM GmbH TCS34303 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Datasheet, Public
Page 1
[v3-00] 2023-Jan-18
Document Feedback
TCS3430
Color and ALS Sensor
The device features advanced digital Ambient Light Sensing
(ALS) and CIE 1931 Tristimulus Color Sensing (XYZ). Each of the
channels has a filter to control its optical response, which allows
the device to accurately measure ambient light and sense color.
These measurements are used to calculate chromaticity,
illuminance and color temperature, all of which are used to
support various potential applications.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of the TCS3430, Color and ALS Sensor
are listed below:
Figure 1:
Added Value of Using TCS3430
Applications
The TCS3430 applications include:
• Display management
• Camera image correction and enhancement
• Color sensing
• Ambient light sensing
• Optical identification
• Color matching
Benefits
Features
• Improves ALS responsiveness of the system
• Capable of ±10% illuminance and correlated color
temperature accuracy.
• Reduces board space requirements and
enables low-profile system design
• Small footprint and low profile package:
2.41mm x 1.75mm x 1.00mm
• Improves ALS response for more accurate
measurement of lighting environment
• Advanced interference filter technology.
• Enables accurate color and ALS sensing
under varying lighting conditions and
behind dark glass
• Wide dynamic range and high sensitivity.
• Enables accurate color temperature
calculations and ambient light sensing
• XYZ tristimulus filters.
• Programmable gain and integration time.
• Low power consumption
• 1.8V supply voltage and I²C bus.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com