Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3471 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TCS3471
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3471 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TCS3471 Datasheet HTML 11Page - OSRAM GmbH TCS3471 Datasheet HTML 12Page - OSRAM GmbH TCS3471 Datasheet HTML 13Page - OSRAM GmbH TCS3471 Datasheet HTML 14Page - OSRAM GmbH TCS3471 Datasheet HTML 15Page - OSRAM GmbH TCS3471 Datasheet HTML 16Page - OSRAM GmbH TCS3471 Datasheet HTML 17Page - OSRAM GmbH TCS3471 Datasheet HTML 18Page - OSRAM GmbH TCS3471 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
TCS3471 − Principles O f Operation
RGBC Operation
The RGBC engine contains RGBC gain control (AGAIN) and four
integrating analog-to-digital converters (ADC) for the RGBC
photodiodes. The RGBC integration time (ATIME) impacts both
the resolution and the sensitivity of the RGBC reading.
Integration of all four channels occurs simultaneously and upon
completion of the conversion cycle, the results are transferred
to the color data registers. This data is also referred to as channel
count.
The transfers are double-buffered to ensure that invalid data is
not read during the transfer. After the transfer, the device
automatically moves to the next state in accordance with the
configured state machine.
Figure 18:
RGBC Operation
The registers for programming the integration and wait times
are a 2’s compliment values. The actual time can be calculated
as follows:
ATIME = 256 - Integration Time / 2.4 ms
Inversely, the time can be calculated from the register value as
follows:
Integration Time = 2.4 ms
× (256 - ATIME)
For example, if a 100ms integration time is needed, the device
needs to be programmed to:
256 - (100 / 2.4) = 256 - 42 = 214 = 0xD6
Conversely, the programmed value of 0xC0 would correspond
to:
(256 - 0xC0)
× 2.4 = 64 × 2.4 = 154 ms.
AGAIN(r 0x0F, b1:0)
1
y, 4y, 16y, 60y Gain
CDATAH(r 0x15), CDATA(r 0x14)
Clear ADC
Red ADC
Green ADC
Blue ADC
Clear Data
Red Data
Green Data
Blue Data
RGBC Control
Blue
Green
Red
Clear
RDATAH(r 0x17), RDATA(r 0x16)
GDATAH(r 0x19), GDATA(r 0x18)
BDATAH(r 0x1B), BDATA(r 0x1A)
ATIME(r 1)
2.4 ms to 700 ms
(EQ1)
(EQ2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com