Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34711FN Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TCS34711FN
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34711FN Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TCS34711FN Datasheet HTML 5Page - OSRAM GmbH TCS34711FN Datasheet HTML 6Page - OSRAM GmbH TCS34711FN Datasheet HTML 7Page - OSRAM GmbH TCS34711FN Datasheet HTML 8Page - OSRAM GmbH TCS34711FN Datasheet HTML 9Page - OSRAM GmbH TCS34711FN Datasheet HTML 10Page - OSRAM GmbH TCS34711FN Datasheet HTML 11Page - OSRAM GmbH TCS34711FN Datasheet HTML 12Page - OSRAM GmbH TCS34711FN Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
TCS3471 − Absolute Maximum R atings
Figure 9:
RGBC Characteristics; VDD = 3 V, TA = 25ºC, AGAIN = 16, AEN = 1 (unless otherwise noted)
Figure 10:
Wait Characteristics; VDD = 3 V, TA = 25ºC, Gain = 16, WEN = 1 (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
Dark ADC count value
Ee = 0, AGAIN = 60×, ATIME= 0xD6
(100 ms)
0
1
5
counts
ADC integration time step
size
ATIME = 0xFF
2.27
2.4
2.56
ms
ADC number of integration
steps
1
256
steps
ADC counts per step
0
1024
counts
ADC count value
ATIME = 0xC0 (153.6 ms)
0
65535
counts
Gain scaling, relative to 1×
gain setting
3.8
4
4.2
%
16×
15
16
16.8
60×
58
60
63
Parameter
Test
Conditions
Channel
Min
Typ
Max
Unit
Wait step size
WTIME = 0xFF
2.27
2.4
2.56
ms
Wait number steps
1
256
steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com