| Electronic Components Datasheet Search |
|
TCS34725 Datasheet(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34725 Datasheet(HTML) 2 Page - OSRAM GmbH |
|
2 / 41 page ![]() ams Datasheet Page 1 [v1-04] 2020-Apr-10 Document Feedback TCS3472 Color Light-to-Digital Converter with IR Filter The TCS3472 device provides a digital return of red, green, blue (RGB), and clear light sensing values. An IR blocking filter, integrated on-chip and localized to the color sensing photodiodes, minimizes the IR spectral component of the incoming light and allows color measurements to be made accurately. The high sensitivity, wide dynamic range, and IR blocking filter make the TCS3472 an ideal color sensor solution for use under varying lighting conditions and through attenuating materials. The TCS3472 color sensor has a wide range of applications including RGB LED backlight control, solid-state lighting, health/fitness products, industrial process controls and medical diagnostic equipment. In addition, the IR blocking filter enables the TCS3472 to perform ambient light sensing (ALS). Ambient light sensing is widely used in display-based products such as cell phones, notebooks, and TVs to sense the lighting environment and enable automatic display brightness for optimal viewing and power savings. The TCS3472, itself, can enter a lower-power wait state between light sensing measurements to further reduce the average power consumption. Ordering Information and Content Guide appear at end of datasheet. Key Benefits & Features The benefits and features of TCS3472, Color Light-to-Digital Converter with IR Filter are listed below: Figure 1: Added Value of Using TCS3472 Benefits Features • Enables accurate color and light sensing measurements under varying lighting conditions by minimizing IR and UV spectral component effects • Red, Green, Blue (RGB), and Clear Light • Sensing with IR blocking filter • Programmable analog gain and integration time • 3,800,000:1 dynamic range • Very high sensitivity - ideally suited for operation behind dark glass • Programmable interrupt pin enables level-style interrupts when pre-set values are exceeded, thus reducing companion micro-processor overhead • Maskable interrupt • Programmable upper and lower thresholds with persistence filter General Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |