Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS37013 Datasheet(PDF) 52 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 52 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 48Page - OSRAM GmbH TCS37013 Datasheet HTML 49Page - OSRAM GmbH TCS37013 Datasheet HTML 50Page - OSRAM GmbH TCS37013 Datasheet HTML 51Page - OSRAM GmbH TCS37013 Datasheet HTML 52Page - OSRAM GmbH TCS37013 Datasheet HTML 53Page - OSRAM GmbH TCS37013 Datasheet HTML 54Page - OSRAM GmbH TCS37013 Datasheet HTML 55Page - OSRAM GmbH TCS37013 Datasheet HTML 56Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
Datasheet, Public
Page 51
[v2-00] 2022-Dec-15
Document Feedback
TCS3701 − Register Overview
Note(s):
1. Return to the Register Map (0x95, 0x96, 0x97, 0x98, 0x99, 0x9A, 0x9B, 0x9C, 0x9D, 0x9E, 0x9F, 0xA0).
Proximity Data and Status
Proximity data is stored as a 14-bit value (two bytes). Reading
the low byte first latches the high byte.
Proximity detection uses an Automatic Pulse Control (APC)
mechanism that adjusts the number of pulses per measurement
based on the magnitude of the reflected IR signal. As the
magnitude of the signal increases, the number of pulses
decreases. Proximity detection uses a 10-bit ADC that is
extended to a 14-bit dynamic range for PDATA using the
following formula:
PDATA = ADCvalue × (16 / actual pulses)
PDATA is therefore proportional to the reflected energy per
pulse, independent of the number of pulses used.
PXAVG and PBSLN provide the most recent average PDATA and
a proximity baseline—the minimum average PDATA since the
last calibration. Execute calibration to initialize the proximity
baseline, and then the baseline can automatically provide the
lowest average PDATA measured if this feature is enabled.
Figure 60:
Proximity Data
Note(s):
1. If HXTALK_MODE is asserted, PDATA is 10-bit.
2. Return to the Register Map (0xA1, 0xA2).
7:0
0x9D
ADATA4
ALS Channel Four Data. WIDEBAND data.
15:8
0x9E
7:0
0x9F
ADATA5
ALS Channel Five Data.
15:8
0xA0
Bits
Addr
Field
Description
7:0
0xA1
PDATA
Proximity Data.
15:8
0xA2
Bits
Addr
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com