Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS37013M Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TCS37013M
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013M Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TCS37013M Datasheet HTML 24Page - OSRAM GmbH TCS37013M Datasheet HTML 25Page - OSRAM GmbH TCS37013M Datasheet HTML 26Page - OSRAM GmbH TCS37013M Datasheet HTML 27Page - OSRAM GmbH TCS37013M Datasheet HTML 28Page - OSRAM GmbH TCS37013M Datasheet HTML 29Page - OSRAM GmbH TCS37013M Datasheet HTML 30Page - OSRAM GmbH TCS37013M Datasheet HTML 31Page - OSRAM GmbH TCS37013M Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
Datasheet, Public
Page 27
[v2-00] 2022-Dec-15
Document Feedback
TCS3701 − Register Overview
Figure 30:
CFG1
Note(s):
1. Return to the Register Map (0xAA).
Addr: 0xAA
CFG1
Bit
Field
Reset
Type
Bit Description
7:5
Reserved
0
4:0
AGAIN
9
R/W
ALS Gain. Sets the ALS sensitivity.
VALUE
GAIN
00.5x
11x
22x
34x
48x
516x
632x
764x
8128x
9256x
10
512x
11
1024x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com