Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3707 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # TCS3707
Description  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3707 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button TCS3707 Datasheet HTML 38Page - OSRAM GmbH TCS3707 Datasheet HTML 39Page - OSRAM GmbH TCS3707 Datasheet HTML 40Page - OSRAM GmbH TCS3707 Datasheet HTML 41Page - OSRAM GmbH TCS3707 Datasheet HTML 42Page - OSRAM GmbH TCS3707 Datasheet HTML 43Page - OSRAM GmbH TCS3707 Datasheet HTML 44Page - OSRAM GmbH TCS3707 Datasheet HTML 45Page - OSRAM GmbH TCS3707 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
ams Datasheet, Confidential
Page 41
[v1-05] 2019-May-13
Document Feedback
TCS3707 − Register Overview
Figure 47:
CFG3
Note(s):
1. Return to the Register Map (0xAC).
Figure 48:
CFG4
Addr: 0xAC
CFG3
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
0
5HXTALK_MODE1
0
R/W
High Crosstalk Mode. If asserted, the proximity
engine uses a 10-bit output mode intended for
extremely high optical crosstalk systems. HXTALK_
MODE1 and HXTALK_MODE2 must both be asserted
for this function to work.
4SAI
0
R/W
Sleep After Interrupt. If asserted, the oscillator is
turned off whenever interrupt is active (low). SAI_
ACTIVE is set in this event. To activate the oscillator
again, service and clear all interrupts plus clear the
SAI_ACTIVE bit.
3:0
Reserved
12
Addr: 0xAD
CFG4
Bit
Field
Reset
Type
Bit Description
7
Reserved
0
6:4
INT_PINMAP
0
R/W
Interrupt Pin Map. Selects the signal to output on
the INT pin.
VALUE
SIGNAL
0Normal interrupts
1
RESERVED
2AINT
3PINT0
4PINT1
3INT_INVERT
0
R/W
Interrupt Invert. If asserted, the interrupt signal is
inverted (active = high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com