Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS37715 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TCS37715
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37715 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TCS37715 Datasheet HTML 25Page - OSRAM GmbH TCS37715 Datasheet HTML 26Page - OSRAM GmbH TCS37715 Datasheet HTML 27Page - OSRAM GmbH TCS37715 Datasheet HTML 28Page - OSRAM GmbH TCS37715 Datasheet HTML 29Page - OSRAM GmbH TCS37715 Datasheet HTML 30Page - OSRAM GmbH TCS37715 Datasheet HTML 31Page - OSRAM GmbH TCS37715 Datasheet HTML 32Page - OSRAM GmbH TCS37715 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-31] 2018-Apr-04
TCS3771 − Principles of Operation
RGBC Timing Register (0x01)
The RGBC Timing Register controls the internal integration time
of the RGBC clear and IR channel ADCs in 2.4ms increments.
Figure 31:
RGBC Timing Register
Proximity Time Control Register (0x02)
The Proximity Timing Register controls the integration time of
the proximity ADC in 2.4ms increments. It is recommended that
this register be programmed to a value of 0xFF
(1 cycle, 1023 bits).
Max Prox Count = ((256 - PTIME) × 1024)) - 1 up to a maximum
of 65535
Figure 32:
Proximity Time Control Register
Field
Bits
Description
ATIME
7:0
Value
INTEG_CYCLES
Time
Max Count
0xFF
1
2.4ms
1024
0xF6
10
24ms
10240
0xD6
42
101ms
43008
0xAD
64
154ms
65535
0x00
256
614ms
65535
Field
Bits
Description
PTIME
7:0
Value
INTEG_CYCLES
Time
Max Count
0xFF
1
2.4ms
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com