Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS37725FN Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TCS37725FN
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37725FN Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TCS37725FN Datasheet HTML 3Page - OSRAM GmbH TCS37725FN Datasheet HTML 4Page - OSRAM GmbH TCS37725FN Datasheet HTML 5Page - OSRAM GmbH TCS37725FN Datasheet HTML 6Page - OSRAM GmbH TCS37725FN Datasheet HTML 7Page - OSRAM GmbH TCS37725FN Datasheet HTML 8Page - OSRAM GmbH TCS37725FN Datasheet HTML 9Page - OSRAM GmbH TCS37725FN Datasheet HTML 10Page - OSRAM GmbH TCS37725FN Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Figure 7:
Operating Characteristics, VDD = 3 V, TA = 25ºC (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply voltage
TCS37725 (I²C VBUS = VDD)
2.7
3
3.6
V
TCS37727 (I²C VBUS = 1.8 V)
2.7
3
3.3
TA
Operating free-air
temperature
-30
70
ºC
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Supply current
Active – LDR pulses off
235
330
μA
Wait state
65
Sleep state - no I²C activity
2.5
10
VOL
INT SDA output low voltage
3 mA sink current
0
0.4
V
6 mA sink current
0
0.6
ILEAK
Leakage current, SDA, SCL,
INT pins
-5
5
μA
Leakage current, LDR pin
-5
5
VIH
SCL SDA input high voltage
TCS37725
0.7 VDD
V
TCS37727
1.25
VIL
SCL SDA input low voltage
TCS37725
0.3 VDD
V
TCS37727
0.54
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com