Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS37717 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TCS37717
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37717 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TCS37717 Datasheet HTML 4Page - OSRAM GmbH TCS37717 Datasheet HTML 5Page - OSRAM GmbH TCS37717 Datasheet HTML 6Page - OSRAM GmbH TCS37717 Datasheet HTML 7Page - OSRAM GmbH TCS37717 Datasheet HTML 8Page - OSRAM GmbH TCS37717 Datasheet HTML 9Page - OSRAM GmbH TCS37717 Datasheet HTML 10Page - OSRAM GmbH TCS37717 Datasheet HTML 11Page - OSRAM GmbH TCS37717 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
ams Datasheet
Page 7
[v1-31] 2018-Apr-04
Document Feedback
TCS3771 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Figure 7:
Operating Characteristics, VDD = 3V, TA = 25°C (unless otherwise noted)
Symbol
Parameter
Min
Nom
Max
Unit
VDD
Supply voltage
2.7
3
3.3
V
TA
Operating free-air temperature
-30
70
°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD
Supply current
Active - LDR pulses off
235
330
μA
Wait mode
65
Sleep mode - no I2C activity
2.5
10
VOL
INT, SDA output low
voltage
3mA sink current
0
0.4
V
6mA sink current
0
0.6
ILEAK
Leakage current,
SDA, SCL, INT pins
-5
5
μA
ILEAK
Leakage current, LDR
pin
-10
+10
μA
VIH
SCL, SDA input high
voltage
TCS37715
0.7 VDD
V
TCS37717
1.25
VIL
SCL, SDA input low
voltage
TCS37715
0.3VDD
V
TCS37717
0.54
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com